Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA569 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA569
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA569 Datasheet(HTML) 3 Page - Texas Instruments

  OPA569 Datasheet HTML 1Page - Texas Instruments OPA569 Datasheet HTML 2Page - Texas Instruments OPA569 Datasheet HTML 3Page - Texas Instruments OPA569 Datasheet HTML 4Page - Texas Instruments OPA569 Datasheet HTML 5Page - Texas Instruments OPA569 Datasheet HTML 6Page - Texas Instruments OPA569 Datasheet HTML 7Page - Texas Instruments OPA569 Datasheet HTML 8Page - Texas Instruments OPA569 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
OPA569
SBOS264A
3
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TCASE = +25°C, RL = 1kΩ, and connected to VS/2, unless otherwise noted.
NOTES: (1) See typical characteristic “Maximum Output Voltage vs Frequency.” (2) See the typical characteristic “Total Harmonic Distortion + Noise vs Frequency.”
(3) Swing to the rail is measured in final test. Under those conditions, the AOL is derived from characterization. (4) See Safe Operating Area (SOA) plots. (5) See typical
characteristic, “Overshoot vs Load Capacitance.” (6) External current limit setting resistor is required. See Figure 1. (7) ILIMIT is the value of the desired current limit
and is equal to 9800 (ISET), where ISET is the current through the Current Limit Set pin (pin 3). Errors from this parameter can be calibrated out—see Applications
Information section. (8) VSET is a voltage reference that equals the difference between the voltage of the Current Limit Set pin and V–, and is referenced to the negative
rail. Errors from this parameter can be calibrated out—see Applications Information section. (9) % Tolerance = [(IOUT/475) – IMONITOR] • 100/IMONITOR.
OPA569
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
IO = 0V, VS = +5V
±0.5
±2mV
vs Temperature
dVOS /dT
TA = –40°C to +85°C
±1.3
µV/
°C
vs Power Supply
PSRR
VS = +2.7V to +5.5V, VCM = (V–) +0.55V
12
60
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±1
±10
pA
vs Temperature
(doubles every 10
°C)
Input Offset Current
IOS
±2
±10
pA
NOISE
Input Voltage Noise Density, f = 1kHz
en
12
nV/
√Hz
f = 0.1Hz to 10Hz
8
µVp-p
Current Noise Density, f = 1kHz
in
0.6
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
Linear Operation
(V–) – 0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
VS = +5V, –0.1V < VCM < 3.2V
80
100
dB
VS = +5V, –0.1V < VCM < 5.1V
60
80
dB
INPUT IMPEDANCE
Differential
1013 || 4.5
Ω || pF
Common-Mode
1013 || 9
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
0.2V < VO < 4.8V, RL = 1kΩ, VS = +5V
100
126
dB
0.3V < VO < 4.7V, RL = 1.15Ω, VS = +5V
90
dB
FREQUENCY RESPONSE
Gain Bandwidth Product
GBW
1.2
MHz
Slew Rate
SR
G = +1, VO = 4.0V Step
1.2
V/
µs
Full-Power Bandwidth(1)
See Typical Characteristics
Settling Time:
±0.1%
G = –1, VO = 4.0V Step
5
µs
Total Harmonic Distortion + Noise(2)
THD+N
See Typical Characteristics
OUTPUT
Voltage Output Swing from Rail
VO
RL = 1kΩ, AOL > 100dB
(V–) + 0.2
(VS) ± 0.02
(V+) – 0.2
V
IO = ±2A, VS = +5V, AOL > 80dB (3)
(V–) + 0.3
(VS) ± 0.15
(V+) – 0.3
V
Maximum Continuous Current Output: dc (4)
2.4
A
Capacitive Load Drive(5)
CLOAD
See Typical Characteristics
Output Disabled
Output Impedance
12M || 570
Ω || pF
CURRENT LIMIT
Output Current Limit (6)
Externally Adjustable
±0.2 to ±2.2
A
Current Limit Equation
ILIMIT = ISET • 9800
A
RSET Equation
RSET = 9800 (1.18V/ILIMIT)
Ω
Current Limit Tolerance (7), Positive
ILIMIT = 1A
±3
±10
%
Negative
ILIMIT = 1A
±3
±15
%
Voltage on Current Limit Set Pin Tolerance(8)
(V–) + 1.05
(V–) + 1.18
(V–) + 1.3
V
OUTPUT CURRENT MONITOR (Pin 19)
Output Current Monitor
IM
IM = IO /475
A
Output Current Monitor Tolerance (9), Positive
IO = +1A, RMONITOR = 400Ω±3
±10
%
Negative
IO = –1A, RMONITOR = 400Ω±3
±15
%
Compliance Voltage Range
Linear Operation
See Discussion on Current Monitor Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com