Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA569 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA569
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA569 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA569 Datasheet HTML 2Page - Texas Instruments OPA569 Datasheet HTML 3Page - Texas Instruments OPA569 Datasheet HTML 4Page - Texas Instruments OPA569 Datasheet HTML 5Page - Texas Instruments OPA569 Datasheet HTML 6Page - Texas Instruments OPA569 Datasheet HTML 7Page - Texas Instruments OPA569 Datasheet HTML 8Page - Texas Instruments OPA569 Datasheet HTML 9Page - Texas Instruments OPA569 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
OPA569
SBOS264A
6
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, unless otherwise noted.
1000
100
10
1
INPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
0.1Hz TO 10Hz INPUT VOLTAGE NOISE
1s/div
6
5
4
3
2
1
0
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
100
1k
100k
10k
1M
V
S = 5V
R
L = 1kΩ
R
L = 1Ω
R
L = 1kΩ
V
S = 2.7V
R
L = 1Ω
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION+NOISE
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k 20k
R
L = 2Ω
R
L = 8Ω
R
L = 1kΩ
10
8
6
4
2
0
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
2.7
3
3.5
4
4.5
5
5.5
Current Limit = 1A
Current Limit = 2A
Current Limit = 200mA
10
8
6
4
2
0
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
–55
–35
5
–15
25
45
65
105
85
125
I
Q (ILIMIT = 2A)
I
Q (ILIMIT = 200mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com