Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA569 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA569
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA569 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA569 Datasheet HTML 7Page - Texas Instruments OPA569 Datasheet HTML 8Page - Texas Instruments OPA569 Datasheet HTML 9Page - Texas Instruments OPA569 Datasheet HTML 10Page - Texas Instruments OPA569 Datasheet HTML 11Page - Texas Instruments OPA569 Datasheet HTML 12Page - Texas Instruments OPA569 Datasheet HTML 13Page - Texas Instruments OPA569 Datasheet HTML 14Page - Texas Instruments OPA569 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
OPA569
SBOS264A
11
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, unless otherwise noted.
OVERLOAD RECOVERY
(G = +1)
40
µs/div
V
IN
V
OUT
NO PHASE INVERSION WITH INPUTS
LARGER THAN SUPPLY VOLTAGE
(G = +1, R
L = 10Ω)
1ms/div
V
IN
V
OUT
15
10
5
0
–5
–10
–15
CURRENT MONITOR AND CURRENT LIMIT ERROR
vs SUPPLY VOLTAGE
Supply Voltage (V)
I
LIMIT+
I
LIMIT–
I
MONITOR–
I
MONITOR+
2.7
3
3.5
4
4.5
5
5.5
15
10
5
0
–5
–10
–15
CURRENT MONITOR AND CURRENT
LIMIT ERROR vs TEMPERATURE
Temperature (
°C)
–55
–35
I
LIMIT+
I
LIMIT–
–15
5
25
45
65
85
I
MONITOR+
I
MONITOR–
15
10
5
0
–5
–10
–15
CURRENT MONITOR AND CURRENT LIMIT ERROR
vs OUTPUT CURRENT
Output Current (A)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
I
LIMIT–
I
MONITOR+
I
LIMIT+
I
MONITOR–
50
40
30
20
10
0
OVERSHOOT vs LOAD CAPACITANCE
(G = +1, R
L = 1kΩ)
Load Capacitance (pF)
10
100
1k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com