Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA569 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA569
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA569 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA569 Datasheet HTML 13Page - Texas Instruments OPA569 Datasheet HTML 14Page - Texas Instruments OPA569 Datasheet HTML 15Page - Texas Instruments OPA569 Datasheet HTML 16Page - Texas Instruments OPA569 Datasheet HTML 17Page - Texas Instruments OPA569 Datasheet HTML 18Page - Texas Instruments OPA569 Datasheet HTML 19Page - Texas Instruments OPA569 Datasheet HTML 20Page - Texas Instruments OPA569 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
OPA569
SBOS264A
17
www.ti.com
Junction temperature should be kept below 125
°C for reliable
operation. The junction temperature can be calculated by:
TJ = TA + PDθJA
where
θ
JA = θJC + θCA
TJ = Junction Temperature (°C)
TA = Ambient Temperature (°C)
PD = Power Dissipated (W)
θ
JA = Junction-to-Ambient Thermal Resistance
θ
JC = Junction-to-Case Thermal Resistance
θ
CA = Case-to-Air Thermal Resistance
The Maximum Power Dissipation vs Temperature for the
heatsinking methods listed in Figure 10 is shown in Figure 11.
To appropriately determine required heatsink area, required
power dissipation should be calculated and the relationship
between power dissipation and thermal resistance should be
considered to minimize shutdown conditions and allow for
proper long-term operation (junction temperature of 125
°C).
Once the heatsink area has been selected, worst-case load
conditions should be tested to ensure proper thermal protec-
tion.
For applications with limited board size, refer to Figure 12 for
the approximate thermal resistance relative to heatsink area.
Increasing the heatsink area beyond 2in2 provides little
improvement in thermal resistance. To achieve the 21.5
°C/W
stated in the Electrical Characteristics, a copper plane size of
9in2 was used. The SO-20 PowerPAD package is well suited
for continuous power levels, as shown in Figure 11. Higher
power levels may be achieved in applications with a low
on/off duty cycle.
FIGURE 11. Maximum Power Dissipation vs Temperature.
FEEDBACK CAPACITOR IMPROVES RESPONSE
For optimum settling time and stability with higher impedance
feedback networks (RF > 50kΩ), it may be necessary to add
a feedback capacitor across the feedback resistor, RF, as
shown in Figure 13. This capacitor compensates for the zero
created by the feedback network impedance and the OPA569
input capacitance (and any parasitic layout capacitance).
The effect becomes more significant with higher impedance
networks.
The size of the capacitor needed is estimated using the
equation:
RIN • CIN = RF • CF
where CIN is the sum of the input capacitance of the OPA569
plus the parasitic layout capacitance.
14
12
10
8
6
4
2
0
Temperature (
°C)
MAXIMUM POWER DISSIPATION
vs TEMPERATURE
–55
–30
20
–5
45
70
95
120
With 250lfm Airlow
With 150lfm Airlow
Without Forced Air
With 500lfm Airlow
T
J = 150°C
FIGURE 12. Thermal Resistance vs Circuit Board Copper
Area.
35
30
25
20
15
10
012345
Copper Area (inches2)
THERMAL RESISTANCE vs COPPER AREA
OPA569
Surface-Mount Package
OPA569
V+
V–
V
OUT
V
IN
R
IN
5
12,
13
14,
15
17,
18
6
R
IN • CIN = RF • CF
R
F
C
L
C
IN
C
IN
C
F
Where C
IN is equal to the OPA569’s input
capacitance (approximately 9pF) plus any
parasitic layout capacitance.
FIGURE 13. Feedback Capacitor for use with Higher Imped-
ance Networks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com