Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS601 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS601
Description  Single Element, Tooth Detecting Speed Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS601 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS601 Datasheet HTML 1Page - Allegro MicroSystems ATS601 Datasheet HTML 2Page - Allegro MicroSystems ATS601 Datasheet HTML 3Page - Allegro MicroSystems ATS601 Datasheet HTML 4Page - Allegro MicroSystems ATS601 Datasheet HTML 5Page - Allegro MicroSystems ATS601 Datasheet HTML 6Page - Allegro MicroSystems ATS601 Datasheet HTML 7Page - Allegro MicroSystems ATS601 Datasheet HTML 8Page - Allegro MicroSystems ATS601 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Single Element, Tooth Detecting Speed Sensor IC
ATS601
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615–0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Operating Mode Characteristics
Output Polarity
VOUT
LT option
Opposite target tooth, connected as
in figure 1
–
Low
–
V
HT option
–
High
–
V
Startup Hysteresis
BHYS(su)
N option
Amount of signal movement needed
to generate first output edge
–40–
G
W option
–
80
–
G
Threshold Update Memory
–
1 option
Number of target teeth (peaks)
stored in memory for threshold
update algorithm
–
1
–
tooth
4 option
–
4
–
tooth
Running Mode Switchpoint
BST
U option
% of peak-to-peak, referenced to
tooth signal, see figure 4
25
30
35
%
M option
45
50
55
%
Running Mode Internal Hysteresis
BHYS(rm)
% of peak-to-peak signal
5
10
15
%
Stop Mode Timer Period
tSM
Timer interval to initiate Stop mode, no sensed
magnetic edges
–5–
s
Chopper Frequency
fC
–
167
–
kHz
1Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
21 G (gauss) = 0.1 mT (millitesla).
3Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
4Between VCC(min) and VCC(UV) output switching continues to occur but device performance is not guaranteed.
5Power–On Time consists of the time from when VCC rises above VCC(min) until the earliest output edge is possible.
6Independent of output polarity option (HT or LT).
7Output Delay Time is the duration from when a crossing of the magnetic signal switchpoint, BST, occurs to when the electrical output signal, VOUT,
reaches 90% of VOUT(high).
8Reduced minimum air gap with N option due to potential for extra switching on first tooth due to magnetic overshoot larger than startup hysteresis,
characteristic of the Allegro 8X reference target. Device functions properly in Running mode down to 0.5 mm air gap.
OPERATING CHARACTERISTICS (continued) Valid using Allegro reference target 8X, and VCC and TA within specification; unless
otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit2
Figure 3. Output Delay Time and Output Fall Time
td
tf
90% VOUT
10% VOUT
VPROC(high)
BST
VOUT(high)
VPROC(low)
VOUT(low)
Time
Time
Figure 4. Running Mode Switchpoint and Internal Hysteresis
VPROC(high)
VPROC(low)
0
BST
BHYS
BHYS
Switchpoints
Target
Mechanical
Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com