Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS601 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS601
Description  Single Element, Tooth Detecting Speed Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS601 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS601 Datasheet HTML 1Page - Allegro MicroSystems ATS601 Datasheet HTML 2Page - Allegro MicroSystems ATS601 Datasheet HTML 3Page - Allegro MicroSystems ATS601 Datasheet HTML 4Page - Allegro MicroSystems ATS601 Datasheet HTML 5Page - Allegro MicroSystems ATS601 Datasheet HTML 6Page - Allegro MicroSystems ATS601 Datasheet HTML 7Page - Allegro MicroSystems ATS601 Datasheet HTML 8Page - Allegro MicroSystems ATS601 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Single Element, Tooth Detecting Speed Sensor IC
ATS601
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615–0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Packing*
ATS601LSGTN–[A]–[AAN]–T
800 pieces per 13–in. reel
*Contact Allegro™ for additional packing options.
A
Running Mode Threshold Update
1: Single-tooth (continuous)
4: Four-tooth (memory-based)
Switchpoint Level
U: Upper (30% less than input signal peak)
M: Mid (50% less than input signal peak)
Startup Hysteresis
N: Narrow (40 G)
W: Wide (80 G)
Output Polarity
LT: Low opposite target tooth
HT: High opposite target tooth
Allegro Identifier and Device Type – ATS601
Operating Temperature Range, TA – L: –40°C to 150°C
Package Designator – SG
Instructions (Packing) – TN: Tape and reel, 800 pieces per 13-in. reel
A
T
N
ATS601LSGTN
Leadframe plating – T : 100% matte tin
Configuration Options
--
-
A
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
27
V
Reverse Supply Voltage
VRCC
–18
V
Reverse Supply Current
IRCC
–50
mA
Output Voltage
VOUT
27
V
Reverse Output Voltage
VROUT
RPU > 1000 Ω
–0.5
V
Output Current
IOUT
Internal current limiting is intended to protect
the device from output short circuits, but is not
intended for continuous operation.
25
mA
Reverse Output Current
IROUT
VOUT > –0.5 V, TA = 25°C
–50
mA
Operating Ambient Temperature
TA
L temperature range
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Terminal List Table
Name
Number
Function
VCC
1
Supply voltage
OUT
2
Open drain output
TEST
3
Test pin (MUX)
GND
4
Ground
Pin–out Diagram
24
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com