Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS601 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS601
Description  Single Element, Tooth Detecting Speed Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS601 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS601 Datasheet HTML 3Page - Allegro MicroSystems ATS601 Datasheet HTML 4Page - Allegro MicroSystems ATS601 Datasheet HTML 5Page - Allegro MicroSystems ATS601 Datasheet HTML 6Page - Allegro MicroSystems ATS601 Datasheet HTML 7Page - Allegro MicroSystems ATS601 Datasheet HTML 8Page - Allegro MicroSystems ATS601 Datasheet HTML 9Page - Allegro MicroSystems ATS601 Datasheet HTML 10Page - Allegro MicroSystems ATS601 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Single Element, Tooth Detecting Speed Sensor IC
ATS601
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615–0036 U.S.A.
1.508.853.5000; www.allegromicro.com
0
0.2
0.4
0.6
0.8
1
0
500
1000
1500
2000
2500
Gear Speed (rpm)
Rela ve Timing Accuracy versus Speed
Rising Electrical Edge
25°C, Rela ve to 100 rpm Gear Speed
0.5
1
1.5
2
2.5
3
AG (mm)
0
0.2
0.4
0.6
0.8
1
0
500
1000
1500
2000
2500
Gear Speed (rpm)
Rela ve Timing Accuracy versus Speed
Falling Electrical Edge
25°C, Rela ve to 100 rpm Gear Speed
0.5
1
1.5
2
2.5
3
AG (mm)
-1
-0.5
0
0.5
1
00.5
11.5
22.5
33.5
Air Gap (mm)
Rela ve Timing Accuracy versus Air Gap
Rising Mechanical Edge, "M" Switchpoint Op on
1000 rpm, Rela ve to 0.5 mm Air Gap
-40
25
85
150
TA (°C)
-1
-0.5
0
0.5
1
00.5
11.5
22.5
33.5
Air Gap (mm)
Rela ve Timing Accuracy versus Air Gap
Falling Mechanical Edge, "M" Switchpoint Op on
1000 rpm, Rela ve to 0.5 mm Air Gap
-40
25
85
150
TA (°C)
-1
-0.5
0
0.5
1
00.5
11.5
22.5
33.5
Air Gap (mm)
Rela ve Timing Accuracy versus Air Gap
Rising Mechanical Edge, "U" Switchpoint Op on
1000 rpm, Rela ve to 0.5 mm Air Gap
-40
25
85
150
TA (°C)
-1
-0.5
0
0.5
1
0
0.5
1
1.5
2
2.5
3
3.5
Air Gap (mm)
Rela ve Timing Accuracy versus Air Gap
Falling Mechanical Edge, "U" Switchpoint Op on
1000 rpm, Rela ve to 0.5 mm Air Gap
-40
25
85
150
TA (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com