Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS601 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS601
Description  Single Element, Tooth Detecting Speed Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS601 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS601 Datasheet HTML 1Page - Allegro MicroSystems ATS601 Datasheet HTML 2Page - Allegro MicroSystems ATS601 Datasheet HTML 3Page - Allegro MicroSystems ATS601 Datasheet HTML 4Page - Allegro MicroSystems ATS601 Datasheet HTML 5Page - Allegro MicroSystems ATS601 Datasheet HTML 6Page - Allegro MicroSystems ATS601 Datasheet HTML 7Page - Allegro MicroSystems ATS601 Datasheet HTML 8Page - Allegro MicroSystems ATS601 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Single Element, Tooth Detecting Speed Sensor IC
ATS601
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615–0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS Valid using Allegro reference target 8X, and VCC and TA within specification; unless
otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit2
Electrical Characteristics
Supply Voltage3
VCC
Continuous operation, TJ < TJ(max)
3.3
–
24
V
Undervoltage Lockout4
VCC(UV)rise Rising VCC (0 V → 5 V)
2.5
–
3.1
V
VCC(UV)fall Falling VCC (5 V → 0 V)
2.4
–
3.0
V
Supply Zener Clamp Voltage
VZsupply
ICC = ICC(max) + 3 mA; TA = 25°C
27
–
–
V
Reverse Supply Zener Clamp Voltage
VRZsupply ICC = –3 mA, TA = 25°C
–18
–
–
V
Supply Current
ICC
4
–
10
mA
Power-On Characteristics
Power-On Time5
tPO
VCC > VCC(min)
–
–
1
ms
Power-On State6
POS
Connected as in figure 1
–
High
–
V
Output Stage Characteristics
Output On Voltage
VOUT(SAT) IOUT = 15 mA, Output = On state (VOUT = Low)
–
–
450
mV
Output Zener Clamp Voltage
VZoutput
IOUT = 3 mA, TA = 25°C
27
–
–
V
Output Current Limit
IOUT(LIM)
Output = On state (VOUT = Low)
25
–
80
mA
Output Leakage Current
IOUT(OFF) VOUT = 24 V, Output = Off state (VOUT = High)
–
–
10
μA
Output Rise Time
tr
Measured 10% to 90% of VOUT; RPU = 1 kΩ,
CL = 4.7 nF, VPU = 5 V; see figure 2
–10–
μs
Output Fall Time
tf
Measured 90% to 10% of VOUT; RPU = 1 kΩ,
CL = 4.7 nF, VPU = 5 V; see figure 2
36
10
μs
Output Delay Time7
td
1 kHz sinusoidal input signal; see figure 3
–
50
–
μs
Performance Characteristics
Operational Air Gap Range8
AG
N option
Allegro 8X reference target
1.0
–
3.0
mm
W option
0.5
–
2.5
mm
Magnetic Signal Range
BSIG
N option
Peak to peak signal
60
–
1000
GPKPK
W option
120
–
1000
GPKPK
Analog Signal Bandwidth
BW
Equivalent to –3 dB cutoff frequency
–
8
–
kHz
Continued on the next page…
CBYPASS
0.1 μF
VS
VPU
RPU
CL
1
4
3
2
VCC
OUT
TEST
(Float)
Output
GND
ATS601
Figure 1. Typical application circuit
Figure 2. Output Rise Time and Output Fall Time
tf
tr
V+
%
100
90
10
0
VOUT(High)
VOUT(Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com