Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS601 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS601
Description  Single Element, Tooth Detecting Speed Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS601 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS601 Datasheet HTML 6Page - Allegro MicroSystems ATS601 Datasheet HTML 7Page - Allegro MicroSystems ATS601 Datasheet HTML 8Page - Allegro MicroSystems ATS601 Datasheet HTML 9Page - Allegro MicroSystems ATS601 Datasheet HTML 10Page - Allegro MicroSystems ATS601 Datasheet HTML 11Page - Allegro MicroSystems ATS601 Datasheet HTML 12Page - Allegro MicroSystems ATS601 Datasheet HTML 13Page - Allegro MicroSystems ATS601 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Single Element, Tooth Detecting Speed Sensor IC
ATS601
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615–0036 U.S.A.
1.508.853.5000; www.allegromicro.com
is established based on the measured peak value of the previous
tooth. This option can be used with any number of teeth-targets,
and is comparable to the Continuous Update mode used on many
Allegro sensor ICs.
With the four-tooth update (4 option), peak information from the
last four teeth is stored in on-chip memory. Switching thresholds
for the upcoming tooth are established based on the stored infor-
mation from four teeth earlier. When used with four-tooth targets,
this is allows for optimized switchpoints based on the same tooth
from the previous revolution of the target. The programmable
threshold update results in improved output switching accuracy
on targets with runout and tooth-to-tooth variation (including
narrow valleys). With the four-tooth update option, during the
first target rotation the device behaves the same as in single-
tooth update while one rotation of target information is stored to
memory. Similarly, if a direction change or other sudden mag-
netic signal change is detected, the device returns to single-tooth
update mode and re-learns four target teeth before returning to
four-tooth update mode.
Switchpoints
The running mode switchpoints in the ATS601LSG are estab-
lished dynamically as a percentage of the amplitude of the signal,
VPROC. There are two switchpoint (BST) choices, selectable
with the U or M options. The ATS601LSG uses a single switch-
ing threshold (operate and release point identical) with internal
hysteresis.
The internal running mode hysteresis ( BHYS(rm)) allows for high
performance switching accuracy on both rising and falling edges
while maintaining immunity to false switching on noise, vibra-
tion, backlash, or other transient events. Figure 7 demonstrates
the function of this hysteresis when switching on an anomalous
peak.
Power Supply Protection
The ATS601LSG contains an on-chip regulator and can operate
over a wide range of supply voltage levels. For applications using
an unregulated power supply, transient protection may be added
externally. For applications using a regulated supply line, EMI
and RFI protection may still be required. Contact Allegro for
information on EMC specification compliance.
When the supply voltage falls below the undervoltage lockout
level, VCC(UV)fall, the device switches to the Off (VOUT = high)
state. The device remains in that state until the voltage level is
restored to the VCC operating range. Changes in the target mag-
netic profile have no effect until voltage is restored. This prevents
false signals caused by undervoltage conditions from propagating
to the output of the sensor IC.
Time
BST
VPROC(high)
VPROC(low)
–BHYS(int)
+BHYS(int)
Switchpoint Level
On
Output State
for POL Bit = 0
Off
On
Off
Figure 7. Switching on internal hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com