Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS601 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS601
Description  Single Element, Tooth Detecting Speed Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS601 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS601 Datasheet HTML 1Page - Allegro MicroSystems ATS601 Datasheet HTML 2Page - Allegro MicroSystems ATS601 Datasheet HTML 3Page - Allegro MicroSystems ATS601 Datasheet HTML 4Page - Allegro MicroSystems ATS601 Datasheet HTML 5Page - Allegro MicroSystems ATS601 Datasheet HTML 6Page - Allegro MicroSystems ATS601 Datasheet HTML 7Page - Allegro MicroSystems ATS601 Datasheet HTML 8Page - Allegro MicroSystems ATS601 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
TheATS601LSG is a unique addition to theAllegro™ camshaft
sensor IC family of products. As a single element, defined
power–onstate,sensorIC,itprovidesfirstfallingedgedetection,
high running mode edge accuracy, and direction/orientation
insensitivity over the full operating range of air gap, speed,
and temperature. The ATS601LSG consists of an optimized
Hall IC and a simple magnetic pellet configuration.
The single element Hall IC and magnetic pellet configuration
switches in response to magnetic signals created by a
ferromagnetic target. The IC contains a low bandwidth filter
that increases the noise immunity and the signal–to–noise ratio
of the sensor IC. Sophisticated digital circuit design eliminates
the detrimental effects of target geometry discontinuity, magnet
and system offsets, and thermal gradients. Signal processing
is used to provide zero speed performance independent of air
gap and also to dynamically adapt device performance to the
typical operating conditions found in automotive applications,
particularly camshaft sensing.The resulting output of the device
is a digital representation of the ferromagnetic target profile.
A number of factory programmable options allow for
performance optimization to meet specific application
requirements.
The ATS601 is provided in a 4–pin SIP package (suffix SG)
that is lead (Pb) free, with 100% matte tin leadframe plating.
ATS601LSG–DS
Features and Benefits
• Digital output representing target profile
• Single Hall element for twist–insensitive mounting and
direction insensitive polarity
• True zero–speed operation
• Defined power-on state
• Air gap independent switchpoints
• Chopper stabilized
• Operation down to 3.3 V
• Factory programmable options:
▫ Output polarity: low or high opposite tooth
▫ Startup hysteresis: 40 G or 80 G
▫ Threshold location: 30% or 50% from signal peak
▫ Threshold update: single tooth (continuous) or four–
tooth memory
• Fully synchronous digital logic with Scan Path and IDDQ
testing
Single Element, Tooth Detecting
Speed Sensor IC
Package: 4–pin SIP (suffix SG)
Functional Block Diagram
ATS601LSG
Not to scale
Internal Regulator
(Analog)
Internal Regulator
(Digital)
VCC
Current
Limit
OUT
GND
Multiplexed Test
Signals
Synchronous
Digital Controller
Tooth Detection
Offset Control
Application Trim
Stop Mode Timer
TEST
Hall
Amplifier
Offset
Adjust
Chopper
Stabilization
ADC
Low Pass
Filters
Temperature
Compensation


Similar Part No. - ATS601

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS601LSG ALLEGRO-ATS601LSG Datasheet
435Kb / 14P
Digital output representing target profile
ATS601LSGTN-LT-WU4-T ALLEGRO-ATS601LSGTN-LT-WU4-T Datasheet
435Kb / 14P
Single Element, Tooth Detecting Speed Sensor IC
More results

Similar Description - ATS601

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS610LSC ALLEGRO-ATS610LSC Datasheet
82Kb / 12P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
September 3, 1998
ATS617LSG ALLEGRO-ATS617LSG Datasheet
496Kb / 16P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
ATS667LSG ALLEGRO-ATS667LSG Datasheet
330Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS685LSH ALLEGRO-ATS685LSH Datasheet
445Kb / 15P
Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
ATS601LSGTN-LT-WU4-T ALLEGRO-ATS601LSGTN-LT-WU4-T Datasheet
435Kb / 14P
Single Element, Tooth Detecting Speed Sensor IC
ATS617 ALLEGRO-ATS617 Datasheet
494Kb / 16P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS685 ALLEGRO-ATS685 Datasheet
443Kb / 15P
Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
ATS684LSN ALLEGRO-ATS684LSN Datasheet
566Kb / 16P
Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
True Zero-Speed High-Accuracy Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com