Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF88332DA Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 63Page - NXP Semiconductors PCF88332DA Datasheet HTML 64Page - NXP Semiconductors PCF88332DA Datasheet HTML 65Page - NXP Semiconductors PCF88332DA Datasheet HTML 66Page - NXP Semiconductors PCF88332DA Datasheet HTML 67Page - NXP Semiconductors PCF88332DA Datasheet HTML 68Page - NXP Semiconductors PCF88332DA Datasheet HTML 69Page - NXP Semiconductors PCF88332DA Datasheet HTML 70Page - NXP Semiconductors PCF88332DA Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
2003 Feb 14
67
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
handbook, full pagewidth
MGU953
C5
+
C5
−
BIAS
LEVEL
GENERATION
MONITOR
C4
C5
C3
C2
C1
CVDD2
VOLTAGE
MULTIPLIER 1
VOLTAGE
MULTIPLIER 2
VLCDIN1
CVLCD1
CVLCD2
VLCD
V2H
V1H
VC
V1L
V2L
VDD1
VSS1
CVDD1
VSS
VLCDIN2
VLCDSENSE
VLCDOUT1
VLCDOUT2
VSS1
VDD3
C4
+
C4
−
C3
+
C3
−
C2
+
C2
−
C1
+
C1
−
VDD2
VSS2
Fig.37 LCD voltage and bias level generator.
7.9
Column drivers, data processing and data
latches
The column drivers section includes 132
× 3 column
outputs (C0 to C395) which should be connected directly
to the LCD. When less than 396 columns are required, the
unused column outputs must be left open-circuit.
The column output signals are generated in the data
processing block by reading out data from the display RAM
and processing with the appropriate orthogonal function
which represents the simultaneously selected rows.
7.10
Row drivers
The row drivers section includes 132 row outputs which
should be connected directly to the LCD. When less than
132 rows are required the unused column outputs must be
left open-circuit.
When the PCF8833 is operating in full Display mode,
4 rows are always selected simultaneously. In partial
Display mode the active row output signals are selected
one after the other.
8
PARALLEL INTERFACE
The 8080-series 8-bit bidirectional interface can be used
for communication between the microcontroller and the
PCF8833. The selection of this interfaces is done with pins
PS2, PS1 and PS0; see Section 7.1.1.
The interface functions of the 8080-series parallel
interface are given in Table 86.
Table 86 8080-series parallel interface function; note 1.
Note
1. R = rising edge.
D/C
RD
WR
OPERATION
0
1
R
command write
1
1
R
command data write
1
1
R
display data write
0
R
1
read status register
1
R
1
none
1
R
R
forbidden



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com