Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF88332DA Datasheet(PDF) 81 Page - NXP Semiconductors

Part # PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 77Page - NXP Semiconductors PCF88332DA Datasheet HTML 78Page - NXP Semiconductors PCF88332DA Datasheet HTML 79Page - NXP Semiconductors PCF88332DA Datasheet HTML 80Page - NXP Semiconductors PCF88332DA Datasheet HTML 81Page - NXP Semiconductors PCF88332DA Datasheet HTML 82Page - NXP Semiconductors PCF88332DA Datasheet HTML 83Page - NXP Semiconductors PCF88332DA Datasheet HTML 84Page - NXP Semiconductors PCF88332DA Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 112 page
background image
2003 Feb 14
81
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
handbook, full pagewidth
MGU970
VOTP(drain)
common
resistance
ITO/connector
resistance
VOTP(gate)
VSS1
VSS2
VDD3
VDD2
VDD1
VLCDOUT2
VLCDIN2
VLDSENSE
C5
+
C5
−
VLCDOUT1
VLCDIN1
C4
+
C4
−
C3
+
C3
−
C2
+
C2
−
C1
+
C1
−
PCF8833
15
Ω
30
Ω
60
Ω
15
Ω
< 1 kΩ
12
Ω
600
Ω
15
Ω
15
Ω
200
Ω
60
Ω
60
Ω
30
Ω
5
Ω
5
Ω
< 2 Ω
< 2 Ω
15
Ω
30
Ω
30
Ω
30
Ω
30
Ω
30
Ω
30
Ω
30
Ω
30
Ω
GND
GND
GND
GND
C5
C4
C3
C2
C1
Fig.54 I/O configuration for the PCF8833.
The indicated resistor values are the maximum recommended values. The recommended capacitor values are given in Table 85.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com