Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF88332DA Datasheet(PDF) 75 Page - NXP Semiconductors

Part # PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 71Page - NXP Semiconductors PCF88332DA Datasheet HTML 72Page - NXP Semiconductors PCF88332DA Datasheet HTML 73Page - NXP Semiconductors PCF88332DA Datasheet HTML 74Page - NXP Semiconductors PCF88332DA Datasheet HTML 75Page - NXP Semiconductors PCF88332DA Datasheet HTML 76Page - NXP Semiconductors PCF88332DA Datasheet HTML 77Page - NXP Semiconductors PCF88332DA Datasheet HTML 78Page - NXP Semiconductors PCF88332DA Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 112 page
background image
2003 Feb 14
75
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
12 DC CHARACTERISTICS
VDD1 = 1.5 to 3.3 V; VDD2 =VDD3 = 2.4 to 3.5 V; VSS =0V; VLCD = 3.8 to 20.0 V; Tamb = −40 to +85 °C; unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD1
logic supply voltage 1
1.5
−
3.3
V
VDD2
supply voltage 2 for the internal
voltage generator
note 1
2.4
−
4.5
V
VDD3
supply voltage 3 for the internal
voltage generator
note 1
2.4
−
3.5
V
VLCDIN1
LCD supply voltage input 1
LCD input voltage 1
externally supplied (both
voltage multipliers are
disabled)
−−
16.0
V
VLCDIN2
LCD supply voltage input 2
LCD input voltage 2
externally supplied (both
voltage multipliers are
disabled)
−−
20.0
V
VLCDOUT1
LCD supply voltage output 1
LCD voltage internally
generated with voltage
multiplier 1 (voltage
generator enabled); note 2
3.8
−
10.0
V
VLCDOUT2
LCD supply voltage output 2
LCD voltage internally
generated with voltage
multiplier 2 (voltage
generator enabled); note 2
3.8
−
20.0
V
VLCD(tol)
tolerance of generated VLCD
with calibration; note 3
−70
−
+70
mV
Static current consumption
IDD1
logic supply current
notes 5 and 6
−
1.5
5
µA
IDD2, IDD3
supply current for the internal
voltage generator
notes 5 and 6
−
0.5
1
µA
Dynamic current consumption
IDD1
logic supply current
Normal mode; note 5
−
100
−µA
IDD1
logic supply current during RAM
access
Normal mode; notes 5 and 7;
see Fig.49
−
1000
−µA
IDD2, IDD3
supply current for the internal
voltage generator
Normal mode; note 5
−
tbf
−µA
IDD(tot)
total supply current (VDD1 +VDD2,
VDD3)
Normal mode; note 5
−
tbf
−µA
Logic inputs and outputs
VOL
LOW-level output voltage
IOL = 0.5 mA
VSS1
−
0.2VDD1
V
VOH
HIGH-level output voltage
IOH = −0.5 mA
0.8VDD1
−
VDD1
V
VIL
LOW-level input voltage
VSS1
−
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
−
VDD1
V
IL
leakage current
VI =VDD1 or VSS1
−1
−
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com