Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF88332DA Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 15Page - NXP Semiconductors PCF88332DA Datasheet HTML 16Page - NXP Semiconductors PCF88332DA Datasheet HTML 17Page - NXP Semiconductors PCF88332DA Datasheet HTML 18Page - NXP Semiconductors PCF88332DA Datasheet HTML 19Page - NXP Semiconductors PCF88332DA Datasheet HTML 20Page - NXP Semiconductors PCF88332DA Datasheet HTML 21Page - NXP Semiconductors PCF88332DA Datasheet HTML 22Page - NXP Semiconductors PCF88332DA Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
2003 Feb 14
19
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Table 15 Display identification bits description
BIT
BIT DESCRIPTION
STATUS
D31
booster voltage status
logic 1 when BSTRON is selected and when the
LCD supply generation circuits are ready
logic 0 when BSTROFF is selected or when the
LCD supply generation circuits are not ready
D30
Y address order
logic 1 when MY = 1
logic 0 when MY = 0
D29
X address order
logic 1 when MX = 1
logic 0 when MX = 0
D28
vertical/horizontal addressing mode
logic 1 when V = 1
logic 0 when V = 0
D27
line address order
logic 1 when LAO = 1
logic 0 when LAO = 0
D26
RGB/BGR order
logic 1 when RGB = 1
logic 0 when RGB = 0
D[25:23]
no function, but can be read
D[25:23] = 000
D[22:20]
interface pixel format
see Section 6.2.30
P2 = D22; P1 = D21 and P0 = D20
D19
Idle mode
logic 1 when IDMON is selected
logic 0 when IDMOFF is selected
D18
Partial mode
logic 1 when PTLON is selected
logic 0 otherwise
D17
Sleep_IN/OUT
logic 1 when Sleep_OUT is selected
logic 0 when Sleep_IN is selected
D16
normal Display mode
logic 1 when NORON is selected
logic 0 otherwise
D15
vertical Scroll mode
logic 1 when SEP is selected
logic 0 otherwise
D14
no function; but can be read
D14 = 0
D13
display inversion
logic 1 when INVON is selected
logic 0 when INVOFF is selected
D12
all pixels on
logic 1 when DAL is selected
logic 0 otherwise
D11
all pixels off
logic 1 when DALO is selected
logic 0 otherwise
D10
display on/off
logic 1 when DISPON is selected
logic 0 when DISPOFF is selected
D9
tearing effect line on/off
logic 1 when TEON is selected
logic 0 when TEOFF is selected
D[8:0]
no function; but can be read
D[8:0] = 0:0000:0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com