Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF88332DA Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 18Page - NXP Semiconductors PCF88332DA Datasheet HTML 19Page - NXP Semiconductors PCF88332DA Datasheet HTML 20Page - NXP Semiconductors PCF88332DA Datasheet HTML 21Page - NXP Semiconductors PCF88332DA Datasheet HTML 22Page - NXP Semiconductors PCF88332DA Datasheet HTML 23Page - NXP Semiconductors PCF88332DA Datasheet HTML 24Page - NXP Semiconductors PCF88332DA Datasheet HTML 25Page - NXP Semiconductors PCF88332DA Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
2003 Feb 14
22
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.10
PARTIAL MODE ON
Partial mode on (PTLON) turns on the partial Display
mode. Only one partial display size can be chosen. Normal
mode, Scroll mode, DALO and DAL are exited with this
command. When sending DAL after PTLON, only the
pixels of partial area are driven on.
A normal Display mode command is used to exit the Partial
mode. How the partial display area can be programmed is
given in Section 6.2.23.
A sequence showing how the command PTLON can be
used is illustrated in Fig.5.
Table 19 Partial mode on register bits
D/C
76543210
DEFAULT
000010010
12H
handbook, full pagewidth
MGU914
send PTLAR
send PTLON
Sleep_OUT
display on
normal display
booster on
partial area def
partial mode on
send PTLAR
send NORON
send SEP
partial area def
normal display
scroll mode
send DISPOFF
send DISPON
display off
wait until
display supply
voltage is settled
display on
optional
exit partial mode
optional
Initial state (1)
Fig.5 Sequence how PTLON can be used.
(1) If the initial state is Sleep_IN, the same sequence is valid, but Sleep_OUT has to be sent to see the effect on the display (after display voltage has
settled).
When sending DAL after PTLON, only the pixels of partial area are driven on. When sending INVON, in Partial mode only the pixels of partial area are
inverted. INVON is over-ruled by DAL and DALO. Pixels outside partial area always stay off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com