Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF88332DA Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 33Page - NXP Semiconductors PCF88332DA Datasheet HTML 34Page - NXP Semiconductors PCF88332DA Datasheet HTML 35Page - NXP Semiconductors PCF88332DA Datasheet HTML 36Page - NXP Semiconductors PCF88332DA Datasheet HTML 37Page - NXP Semiconductors PCF88332DA Datasheet HTML 38Page - NXP Semiconductors PCF88332DA Datasheet HTML 39Page - NXP Semiconductors PCF88332DA Datasheet HTML 40Page - NXP Semiconductors PCF88332DA Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
2003 Feb 14
37
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.24.2
Non-rolling Scroll mode
The RAM-to-display mapping for the non-rolling Scroll
mode when a 132
× 130 (columns × rows) display is
connected to the PCF8833 is illustrated in Fig.16. In this
case unused rows and columns are to be left open, for
instance row 0 and 131. If a 132
× 132 display is
connected to the PCF8833 the content of row 0 and 131
will be the same as the content which is displayed in row 1
and 130, respectively. By doing so, the display data RAM
will have 1 row in the background, whose content can be
updated when it is not displayed.
The non-rolling Scroll mode is activated when the Set
Entry Scroll point is set; see Table Fig.36.
An example is given in Figure 17 for the case when the
PCF8833 is working in the non-rolling Scroll mode
(TF + SA + BF = 131).
When the non-rolling Scroll mode is used the following
sequence can be applied:
• Fill the background memory
• After the desired time interval increment the scroll
address to SEP + n for a n-line step
• Keep filling the background memory and incrementing
scroll address (SEP) at regular intervals to obtain a
smooth scrolling.
The non-rolling Scroll mode is left when the normal Display
mode on (NORON) or the partial Display mode on
(PTLON) is selected.
Table 36 Set entry scroll point register bits
D/C
76543210
DEFAULT
000110111
37H
1
SEP7
SEP6
SEP5
SEP4
SEP3
SEP2
SEP1
SEP0
00H
handbook, full pagewidth
0
1
2
3
4
5
8
6
7
126
129
130
131
127
128
123
122
121
124
125
TF[7:0]
SA[7:0]
BF[7:0]
TF[7:0]
SA[7:0]
− 1
BF[7:0]
RAM (132 x 132)
0
0
1
2
3
4
7
8
5
6
127
130
131
131
128
129
124
121
120
125
126
display (132 x 130)
1 buffer
row
1 unused
row
MGU925
Fig.16 RAM to display mapping for the non-rolling Scroll mode (TF + SA + BF = 131) for LAO = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com