Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.241 Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # CS5.241
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS5.241 Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  CS5.241 Datasheet HTML 1Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 2Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 3Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 4Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 5Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 6Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 7Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 8Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C–Series
24V, 5A, SINGLE PHASE INPUT
Dec. 2006 / Rev. 1.3 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/20
6. INPUT INRUSH CURRENT SURGE
An active inrush limitation circuitry limits the input inrush current after turn-on of the input voltage.
The charging current into EMI suppression capacitors is disregarded in the first milliseconds after switch-on.
AC 100V
AC 120V
AC 230V
Inrush current
max.
10A
peak
10A
peak
10A
peak
-25°C to +70°C
typ.
3A
peak
3A
peak
3A
peak
-25°C to +70°C
Inrush energy
typ.
1A
2s
1A
2s
1A
2s
-25°C to +70°C
Fig. 6-1 Input inrush current, typical behavior
Input Current
Input Voltage
Output Voltage
A
A:
Start-up delay = Inrush delay
Input:
230Vac
Output:
24V, 5A
Ambient:
25°C
Upper curve:
Input current 10A / DIV
Medium curve: Input voltage 500V / DIV
Lower curve:
Output voltage 20V / DIV
Time scale:
100ms / DIV
7. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
typ.
109ms
165ms
161ms
2,5A, 24V, see Fig. 7-1
typ.
50ms
80ms
78ms
5A, 24V, see Fig. 7-1
typ.
37ms
62ms
63ms
6A, 24V, see Fig. 7-1
Fig. 7-1 Hold-up time vs. input voltage
Fig. 7-2 Shut-down behavior, definitions
0
25
50
150ms
85
120
100
180
230Vac
Hold-up Time
100
75
125
Input Voltage
a) 24V 2,5A typ.
b) 24V 2,5A min.
c) 24V 5A typ.
d) 24V 5A min.
e) 24V 6A min.
a
a
b
c
c
d
d
e
e
b
- 5%
Hold-up Time
Zero Transition
Output
Voltage
Intput
Voltage
Note: At no load, the hold-up time can be up to several seconds. The green DC-ok lamp is on during this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com