Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.241 Datasheet(PDF) 5 Page - Red Lion Controls. Inc

Part # CS5.241
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS5.241 Datasheet(HTML) 5 Page - Red Lion Controls. Inc

  CS5.241 Datasheet HTML 1Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 2Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 3Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 4Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 5Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 6Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 7Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 8Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C–Series
24V, 5A, SINGLE PHASE INPUT
Dec. 2006 / Rev. 1.3 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/20
8. OUTPUT
Output voltage
nom.
24V
Adjustment range
min.
24-28V
guaranteed
max.
30V
at clockwise end position of potentiometer
Factory setting
24.1V
±0.2%, at full load, cold unit
Line regulation
max.
70mV
90 to 132Vac or 180 to 264Vac
Load regulation
max.
100mV
static value, 0A
5A
0A
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output capacitance
typ.
1 800µF
Output current
nom.
6A U)
at 24V, ambient < 45°C, see Fig. 8-1
nom.
5A
at 24V, ambient < 60°C, see Fig. 8-1
nom.
5.1A U)
at 28V, ambient < 45°C, see Fig. 8-1
nom.
4.3A
at 28V, ambient < 60°C, see Fig. 8-1
Output power
nom.
144W U)
ambient < 45°C
nom.
120W
ambient < 60°C
Short-circuit current
min.
10A
load impedance 200mOhm, see Fig. 8-1
max.
14A
load impedance 200mOhm, see Fig. 8-1
U)
The unit may respond with a thermal shut-down when continuously loaded with more than 120W and operated with a mains
voltage of 100V or below.
Fig. 8-1 Output voltage vs. output current, typ.
Output Voltage
0
04
8
4
8
12
28V
16
20
24
12A
10
6
2
Adjustment
Range
Output Current
Peak current capability (up to several ms)
The power supply can deliver a peak current which is higher than the specified short term current. This helps to start
current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the power supply. During this event, the capacitors will
be discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 25.1.
Peak current voltage dips
typ.
from 24V to 18.5V
at 10A for 50ms, resistive load
typ.
from 24V to 22V
at 25A for 2ms, resistive load
typ.
from 24V to 20V
at 25A for 5ms, resistive load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com