Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.241 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # CS5.241
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS5.241 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  CS5.241 Datasheet HTML 1Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 2Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 3Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 4Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 5Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 6Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 7Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 8Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C–Series
24V, 5A, SINGLE PHASE INPUT
Dec. 2006 / Rev. 1.3 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/20
INDEX
PAGE
INDEX
PAGE
1.
General Description ............................................1
2.
Short-form Data ..................................................1
3.
Order Numbers....................................................1
4.
Markings ..............................................................1
5.
AC-Input...............................................................3
6.
Input Inrush Current Surge .................................4
7.
Hold-up Time.......................................................4
8.
Output .................................................................5
9.
Efficiency and Power Losses................................6
10. Functional Diagram.............................................7
11. Reliability .............................................................7
12. Front Side and User Elements.............................8
13. Terminals and Wiring..........................................8
14. EMC......................................................................9
15. Environment ......................................................11
16. Protection Features ...........................................11
17. Safety .................................................................12
18. Dielectric Strength ............................................12
19. Approvals...........................................................13
20. Fulfilled Standards............................................ 13
21. Used Substances ............................................... 13
22. Physical Dimensions and Weight ..................... 14
23. Installation and Operation Instructions .......... 14
24. Accessory........................................................... 15
25. Application Notes............................................. 16
25.1. Peak Current Capability ......................... 16
25.2. Charging of Batteries ............................. 16
25.3. Back-feeding Loads ................................ 16
25.4. Output Circuit Breakers ......................... 17
25.5. Inductive and Capacitive Loads ............. 17
25.6. Series Operation..................................... 18
25.7. Parallel Use to Increase Output Power . 18
25.8. Parallel Use for 1+1 Redundancy........... 18
25.9. External Input Protection....................... 19
25.10.Operation on Two Phases ...................... 19
25.11.Use in a Tightly Sealed Enclosure .......... 19
25.12.Mounting Orientations .......................... 20
INTENDED USE
The power supply shall only be installed and put into operation by qualified personnel.
This power supply is designed for installation in an enclosure and is intended for the general use, such as in industrial
control, office, communication, and instrumentation equipment. Do not use this device in aircraft, trains and nuclear
equipment, where malfunctioning of the power supply may cause severe personal injury or threaten human life.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
AC 230V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±20%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
As long as not otherwise stated, AC 100V and AC 230V parameters are valid at 50Hz and AC
120V parameters are valid at 60Hz mains frequency.
230Vac
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
DISCLAIMER
The information presented in this document is believed to be accurate and reliable and may change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com