Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.241 Datasheet(PDF) 17 Page - Red Lion Controls. Inc

Part # CS5.241
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS5.241 Datasheet(HTML) 17 Page - Red Lion Controls. Inc

Back Button CS5.241 Datasheet HTML 12Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 13Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 14Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 15Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 16Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 17Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 18Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 19Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 20Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C–Series
24V, 5A, SINGLE PHASE INPUT
Dec. 2006 / Rev. 1.3 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/20
25.4. OUTPUT CIRCUIT BREAKERS
Standard miniature circuit breakers (MCBs) can be used for branch protection. Ensure that the MCB is rated for DC
voltage, too. The following tests show which circuit breakers the power supply typically trips.
Circuit breakers have huge tolerances in their tripping behavior. Therefore, these typical tests can only be used as a
recommendation or for comparing two different power supplies. Furthermore, the loop impedance has a major
influence on whether a breaker trips or not. Two tests were performed, representing typical situations:
Test 1: Short circuit with S1 on the power supply end of the cable (loop impedance approx. 20mOhm)
Fig. 25-3 Branch protectors, test circuit 1
Circuit
Breaker
Power
Supply
AC
DC
+
-
I
Load
+
-
S1
Parameters:
Input voltage:
230Vac, load current:
0A
The following circuit breaker tripped during the test:
A- or Z- Characteristic::
equal or smaller 8A
B- Characteristic:
no tripping
≥ 6A
no breaker available < 6A
C- Characteristic:
equal or smaller 4A
Test 2: Short circuit with S1 on the load end (additional impedance included; represents longer load wire length).
Fig. 25-4 Branch protectors, test circuit 2
R
Circuit
Breaker
Power
Supply
AC
DC
+
-
I
S1
Load
+
-
Parameters:
Input voltage:
230Vac, load current:
0A
The following circuit breaker tripped during the test:
A- or Z- Characteristic::
≤ 6A and R= 180mOhm
B- Characteristic:
no tripping
≥ 6A
no breaker available < 6A
C- Characteristic:
≤ 3A and R= 270mOhm
What does this resistance mean in wire length?
0.5mm
2
0.7mm
2
1.0mm
2
1.5mm
2
2.5mm
2
4.0mm
2
180mOhm
5.0m
7.0m
10m
15m
25m
40m
270mOhm
7.5m
10.5m
15m
23m
38m
60m
Example:
Which wire gauge must be used to trip a C-Characteristic circuit breaker with a rating of 3A? The load wire length is
21m.
Answer: A 3A C-Characteristic circuit breaker requires a loop impedance of less than 270mOhm (test results). The wire
length table shows that up to 23m wire with a cross section of 1.5mm
2 are below 270mOhm. A wire not smaller than
1.5mm
2 shall be used.
25.5. INDUCTIVE AND CAPACITIVE LOADS
The unit is designed to supply any kind of load, including unlimited capacitive and inductive loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com