Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.241 Datasheet(PDF) 14 Page - Red Lion Controls. Inc

Part # CS5.241
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS5.241 Datasheet(HTML) 14 Page - Red Lion Controls. Inc

Back Button CS5.241 Datasheet HTML 10Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 11Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 12Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 13Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 14Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 15Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 16Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 17Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 18Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C–Series
24V, 5A, SINGLE PHASE INPUT
Dec. 2006 / Rev. 1.3 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
14/20
22. PHYSICAL DIMENSIONS AND WEIGHT
Weight
500g / 1.1lb
DIN-Rail
Use 35mm DIN-rails according to EN 60715 or EN 50022 with a height of 7.5 or 15mm.
The DIN-rail height must be added to the depth (117mm) to calculate the total required
installation depth.
Electronic files with mechanical data can be downloaded at www.pulspower.com
Fig. 22-1 Front view
Fig. 22-2 Side view
23. INSTALLATION AND OPERATION INSTRUCTIONS
Mounting Orientation:
Output terminal must be located on top and input terminal on the bottom. For other orientations see chapter 25.12.
Cooling:
Convection cooled, no forced cooling required. Do not cover ventilation grid (e.g. cable conduits) by more than 30%!
Installation clearances:
40mm on top, 20mm on the bottom, 5mm on the left and right side are recommended when loaded permanently
with full power. In case the adjacent device is a heat source, 15mm clearance are recommended.
Risk of electrical shock, fire, personal injury or death!
Do not use the unit without proper earth connection (Protective Earth). Use the pin on the terminal block for earth
connection and not one of the screws on the housing.
Turn power off before working on the power supply. Protect against inadvertent re-powering.
Make sure the wiring is correct by following all local and national codes.
Do not open, modify or repair the unit.
Use caution to prevent any foreign objects from entering into the housing.
Do not use in wet locations or in areas where moisture or condensation can be expected.
Service parts:
The unit does not contain any service parts. The tripping of an internal fuse is caused by an internal defect. If damage
or malfunctioning should occur during operation, immediately turn power off and send unit to factory for
inspection!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com