Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.241 Datasheet(PDF) 12 Page - Red Lion Controls. Inc

Part # CS5.241
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS5.241 Datasheet(HTML) 12 Page - Red Lion Controls. Inc

Back Button CS5.241 Datasheet HTML 8Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 9Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 10Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 11Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 12Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 13Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 14Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 15Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 16Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C–Series
24V, 5A, SINGLE PHASE INPUT
Dec. 2006 / Rev. 1.3 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
12/20
17. SAFETY
Input / output separation
SELV
IEC/EN 60950-1
PELV
EN 60204-1, EN 50178, IEC 60364-4-41
double or reinforced insulation
Class of protection
I
PE (Protective Earth) connection required
Isolation resistance
> 5MOhm
input to output, 500Vdc
PE resistance
< 0.1Ohm
between housing and PE terminal
Touch current (leakage current)
typ. 0.24mA
100Vac, 50Hz, TN mains
typ. 0.35mA
120Vac, 60Hz, TN mains
typ. 0.40mA
230Vac, 50Hz, TN mains
< 0.36mA
110Vac, 50Hz, TN mains
< 0.53mA
132Vac, 60Hz, TN mains
< 0.60mA
264Vac, 50Hz, TN mains
18. DIELECTRIC STRENGTH
Fig. 18-1 Dielectric strength
A
B
C
Type test
60s
2500Vac
3000Vac
500Vac
Factory test
5s
2500Vac
2500Vac
500Vac
Field test
5s
2000Vac
2000Vac
500Vac
A
C
N
L
Input
Earth, PE
Output
-
+
B
Type tests and factory tests:
Conducted by the manufacturer. Do not repeat test in field!
Rules for field test:
Use appropriate test equipment which applies the voltage
with a slow ramp! Connect L and N together as well as all
output poles.
The output voltage is floating and has no ohmic connection to ground.
To fulfill the PELV requirements according to EN60204-1 § 6.4.1, we recommend that either the + pole, the – pole or
any other part of the output circuit shall be connected to the protective earth system. This helps to avoid situations in
which a load starts unexpectedly or can not be switched off any more when unnoticed earth faults occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com