Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC75S58F Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # TC75S58F
Description  General-Purpose Linear ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75S58F Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button TC75S58F Datasheet HTML 16Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 17Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 18Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 19Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 20Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 21Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 22Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 23Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
136
Series Regulators
Polarity
Part Number
Use/Function
Output
Voltage
(typ.) (V)
Output
Current
(max) (mA)
Input Voltage
(max) (V)
Drop-out
Voltage
(typ.) (V)
Bias
Current
(typ.) (mA)
Output
Voltage
Tolerance
(%)
Power
Dissipation
(W)
Package
Equivalent
TA7805F
5
4.2
TA78057F
5.7
TA7806F
6
TA7807F
7
TA7808F
8
TA7809F
9
TA7810F
10
TA7812F
12
4.3
TA7815F
15
35
4.4
TA7818F
18
4.5
TA7820F
20
TA7824F
High-current output
Surface-mount PW-MOLD package
24
1000
40
2.0
(IO = 1000 mA)
4.6
±4
(Tj = 25°C)
1.0
(Ta = 25°C)
10
(Tc = 25°C)
PW-MOLD
78XX
TA7805S
5
4.2
TA78057S
5.7
TA7806S
6
TA7807S
7
TA7808S
8
TA7809S
9
TA7810S
10
TA7812S
12
4.3
TA7815S
15
35
4.4
TA7818S
18
4.5
TA7820S
20
TA7824S
High-current output
Isolation package
24
1000
40
2.0
(IO = 1000 mA)
4.6
±4
(Tj = 25°C)
2.0
(Ta = 25°C)
20
(Tc = 25°C)
TO-220(NIS)
78XX
TA7805SB
5
4.2
TA78057SB
5.7
TA7806SB
6
TA7807SB
7
TA7808SB
8
TA7809SB
9
TA7810SB
10
TA7812SB
12
4.3
TA7815SB
15
35
4.4
TA7818SB
18
4.5
TA7820SB
20
TA7824SB
High-current output
Radial tape packing for automatic
mounting
24
1000
40
2.0
(IO
= 1000 mA)
4.6
±4
(Tj
= 25°C)
1.8
(Ta
= 25°C)
TPL
78XX
TA78033LF
3.3
TA7804LF
4
TA7805LF
5
TA7807LF
7
TA7808LF
8
TA7809LF
High-current output
Surface-mount PW-MOLD package
9
1000
20
2.0
(IO = 1000 mA)
3.0
±3
(Tj = 25°C)
1.0
(Ta
= 25°C)
10
(Tc = 25°C)
PW-MOLD
78XX
TA78033LS
3.3
TA7804LS
4
TA7805LS
5
TA7807LS
7
TA7808LS
8
TA7809LS
High-current output
Isolation package
9
1000
20
2.0
(IO = 1000 mA)
3.0
±3
(Tj = 25°C)
2.0
(Ta = 25°C)
15
(Tc
= 25°C)
TO-220(NIS)
78XX
TA78M05F
5
TA78M06F
6
4.5
TA78M08F
8
TA78M09F
9
4.6
TA78M10F
10
4.7
TA78M12F
12
TA78M15F
15
35
TA78M18F
18
4.8
TA78M20F
20
4.9
TA78M24F
Medium-current output
Surface-mount PW-MOLD package
24
500
40
1.7
(IO = 350 mA)
5.0
±4
(Tj = 25°C)
1.0
(Ta
= 25°C)
10
(Tc = 25°C)
PW-MOLD
78MXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com