Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC75S58F Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # TC75S58F
Description  General-Purpose Linear ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75S58F Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button TC75S58F Datasheet HTML 18Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 19Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 20Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 21Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 22Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 23Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 24Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 25Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
138
Series Regulators (continued)
Polarity
Part Number
Use/Function
Output
Voltage
(typ.) (V)
Output
Current
(max) (mA)
Input Voltage
(max) (V)
Drop-out
Voltage
(typ.) (V)
Bias
Current
(typ.) (mA)
Output
Voltage
Tolerance
(%)
Power
Dissipation
(W)
Package
Equivalent
TA48015F
1.5
0.8 Max
TA48018F
1.8
TA4802F
2
TA48025F
2.5
TA4803F
3
TA48033F
3.3
TA4805F
High-current output
Low drop-out
Surface-mount PW-MOLD package
5
1000
16
0.5 Max
(IO = 500 mA)
0.8
(IO = 0 A)
±4.5
(Tj = 0
to 125°C)
1.0
(Ta = 25°C)
10
(Tc = 25°C)
PW-MOLD
TA48018S
1.8
TA4802S
2
TA48025S
2.5
TA4803S
3
TA48033S
3.3
TA4805S
High-current output
Low drop-out
Isolation package
5
1000
16
0.5 Max
(IO = 500 mA)
0.8
(IO = 0 A)
±4.5
(Tj = 0
to 125°C)
2.0
(Ta = 25°C)
20
(Tc = 25°C)
TO-220(NIS)
** TA48015AF
1.5
0.8 Max
** TA48018AF
1.8
** TA48025AF
2.5
** TA48033AF
3.3
** TA4805AF
5
** TA4809AF
High-current output
Low drop-out
Surface-mount PW-MOLD package
9
1000
16
0.5 Max
(IO = 500 mA)
0.8
(IO = 0 A)
±4
(Tj = 0
to 125°C)
1.0
(Ta
= 25°C)
10
(Tc = 25°C)
PW-MOLD
** TA48015AS
1.5
0.8 Max
** TA48018AS
1.8
** TA48025AS
2.5
** TA48033AS
3.3
** TA4805AS
5
** TA4809AS
High-current output
Low drop-out
Isolation package
9
1000
16
0.5 Max
(IO = 500 mA)
0.8
(IO = 0 A)
±4
(Tj = 0
to 125°C)
2.0
(Ta = 25°C)
20
(Tc = 25°C)
TO-220(NIS)
TA48M025F
2.5
TA48M03F
3
TA48M033F
3.3
TA48M0345F
3.45
0.8
TA48M04F
4
0.9
TA48M05F
Medium-current output
Low drop-out
Surface-mount PW-MOLD package
5
500
29
0.65 Max
(IO = 500 mA)
1.0
(IO = 0 A)
±5
(Tj = 0
to 125°C)
1.0
(Ta = 25°C)
10
(Tc = 25°C)
PW-MOLD
TA78DM05S
5
0.8
TA78DM08S
8
TA78DM09S
9
0.9
TA78DM12S
Medium-current output
Low drop-out
Isolation package
12
500
29
(load dump = 60 V)
0.75 Max
(IO = 500 mA)
1.0
(IO = 0 A)
±6
(Tj = 25°C)
2.0
(Ta = 25°C)
20
(Tc = 25°C)
TO-220(NIS)
** TA58L05F
5
0.45
** TA58L06F
6
0.5
** TA58L08F
8
0.55
** TA58L09F
9
0.6
** TA58L10F
10
0.6
** TA58L12F
12
0.65
** TA58L15F
Medium-current output
Low drop-out
Surface-mount PW-MOLD package
15
250
29
(load dump
= 60 V)
0.4 Max
(IO
= 200 mA)
0.75
(IO = 0 A)
±4
(Ta = −40
to 105°C)
1.0
(Ta = 25°C)
10
(Tc = 25°C)
PW-MOLD
TA58L05S
5
0.45
TA58L06S
6
0.5
TA58L08S
8
0.55
TA58L09S
9
0.6
TA58L10S
10
0.6
TA58L12S
12
0.65
TA58L15S
Medium-current output
Low drop-out
Isolation package
15
250
29
(load dump = 60 V)
0.4 Max
(IO = 200 mA)
0.75
(IO = 0 A)
±4
(Ta = −40
to 105°C)
2.0
(Ta = 25°C)
20
(Tc
= 25°C)
TO-220(NIS)
**: Under development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com