Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC75S58F Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # TC75S58F
Description  General-Purpose Linear ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75S58F Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button TC75S58F Datasheet HTML 19Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 20Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 21Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 22Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 23Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 24Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 25Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 26Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
139
Polarity
Part Number
Use/Function
Output
Voltage
(typ.) (V)
Output
Current
(max) (mA)
Input Voltage
(max) (V)
Drop-out
Voltage
(typ.) (V)
Bias
Current
(typ.) (mA)
Output
Voltage
Tolerance
(%)
Power
Dissipation
(W)
Package
Equivalent
TA48L018F
1.8
TA48L02F
2
TA48L025F
2.5
TA48L03F
3
TA48L033F
3.3
TA48L05F
Low-current output
Low drop-out
Surface-mount PW-MINI (SOT-89)
package
5
150
16
0.5 Max
(IO
= 100 mA)
0.4
(IO
= 0 A)
±5
(Tj = 0
to 125°C)
0.5
(Ta
= 25°C)
PW-MINI
(SOT-89)
TA78DS05BP
5
TA78DS05CP
5
TA78DS06BP
6
0.6
TA78DS08BP
8
TA78DS09BP
9
TA78DS10BP
10
0.7
TA78DS12BP
12
0.8
TA78DS15BP
Low-current output
Low drop-out
Radial tape packing for automatic
mounting
15
30
29
(load dump = 60 V)
0.3 Max
(IO = 10 mA)
1.0
(IO = 0 A)
BP: ±10
CP: ±5
(Ta = −40
to 85°C)
0.8
(Ta = 25°C)
TO-92MOD
TA78DS05F
5
TA78DS05AF
5
TA78DS06F
6
0.6
TA78DS08F
8
TA78DS09F
9
TA78DS10F
10
0.7
TA78DS12F
12
0.8
TA78DS15F
Low-current output
Low drop-out
Surface-mount PW-MINI (SOT-89)
package
15
30
29
(load dump = 60 V)
0.3 Max
(IO = 10 mA)
1.0
(IO = 0 A)
F:
±10
AF: ±5
(Ta = −40
to 85°C)
0.5
(Ta = 25°C)
PW-MINI
(SOT-89)
TA79005S
−5
TA79006S
−6
TA79007S
−7
TA79008S
−8
TA79009S
−9
4.3
TA79010S
−10
TA79012S
−12
TA79015S
−15
−35
4.4
TA79018S
−18
4.5
TA79020S
−20
TA79024S
High-current output
Isolation package
−24
1000
−40
2.0
(IO = 1.0 A)
4.6
±4
(Tj = 25°C)
2.0
(Ta
= 25°C)
20
(Tc = 25°C)
TO-220(NIS)
79XX
TA79005SB
−5
TA79006SB
−6
TA79007SB
−7
TA79008SB
−8
TA79009SB
−9
4.3
TA79010SB
−10
TA79012SB
−12
TA79015SB
−15
−35
4.4
TA79018SB
−18
4.5
TA79020SB
−20
TA79024SB
High-current output
Radial tape packing for automatic
mounting
−24
1000
−40
2.0
(IO = 1.0 A)
4.6
±4
(Tj = 25°C)
1.8
(Ta = 25°C)
TPL
79XX
TA79L05F
−5
TA79L06F
−6
TA79L08F
−8
3.1
TA79L09F
−9
TA79L10F
−10
TA79L12F
−12
3.2
TA79L15F
−15
−35
TA79L18F
−18
TA79L20F
−20
3.3
TA79L24F
Low-current output
Surface-mount PW-MINI (SOT-89)
package
−24
150
−40
1.7
(IO
= 40 mA)
3.5
±4
(Tj
= 25°C)
0.5
(Ta
= 25°C)
PW-MINI
(SOT-89)
79LXX
TA79L005P
−5
TA79L006P
−6
TA79L008P
−8
3.1
TA79L009P
−9
TA79L010P
−10
TA79L012P
−12
3.2
TA79L015P
−15
−35
TA79L018P
−18
TA79L020P
−20
3.3
TA79L024P
Low-current output
Radial tape packing for automatic
mounting
−24
150
−40
1.7
(IO
= 40 mA)
3.5
±4
(Tj
= 25°C)
0.8
(Ta
= 25°C)
TO-92MOD
79LXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com