Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC75S58F Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # TC75S58F
Description  General-Purpose Linear ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75S58F Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button TC75S58F Datasheet HTML 12Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 13Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 14Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 15Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 16Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 17Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 18Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 19Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
132
Brushless Motor Driver ICs
(3-phase Controllers/Drivers)
Maximum Ratings
Part Number
Package
IO (A)
VO (V)
Features
TA7712P
DIP20
0.025
8
TA7712F
SSOP24
0.025
8
TA7713P
DIP20
0.025
8
General-purpose motor driver, external transistor system, 3-phase full-wave driver, rotation signal output function, brake function
TB6539N
SDIP24
0.02
18
TB6539F
SSOP30
0.02
18
TB6551F
SSOP24
0.002
12
3-phase full-wave sine-wave current PWM controller
TB6556F
SSOP30
0.002
12
3-phase full-wave sine-wave current PWM controller, automatic lead angle control
* TB6581HG
HZIP25
2.0
500
3-phase full-wave sine-wave PWM brushless driver, multi-chip package of sine-wave controller and TPD4103AK
TA7259P
HDIP14
1.2
26
TA7259P(LB)
HSOP14
1.2
26
TA7259F
HSOP20
1.2
26
3-phase full-wave driver, current control type
TA7262P
HDIP14
1.5
25
TA7262P(LB)
HSOP14
1.5
25
TA7262F
HSOP20
1.5
25
3-phase full-wave driver, voltage control type
TA7736P
DIP16
1.0
26
TA7736F
HSOP16
1.0
26
3-phase full-wave driver, current control type
TA7745P
DIP16
1.0
18
TA7745F
SSOP16
1.0
18
3-phase full-wave/half-wave driver, voltage control type, suitable for low-voltage use
TA8416F
SSOP16
0.7
8
3-phase full-wave/half-wave driver, suitable for low-voltage use, 2 hall sensor drive
TA8423P
DIP16
1.2
18
TA8423F
HSOP16
1.2
18
3-phase full-wave driver, 1-terminal input control, current control type, built-in reference voltage circuit for control amp
TA8424F
HSOP20
1.2
18
3-phase full-wave driver, Low-noise drive, built-in FG amp
TA8463F
HQFP30
0.6
8
3-phase full-wave driver, digital servo, Low-noise drive, built-in index amp
TA8466AF
HSOP16
0.7
18
3-phase full-wave driver, 1-terminal input control, Low-noise drive, semi-linear type, reduced external parts
TA8470AF
HSOP20
1.2
18
Low-noise drive, built-in FG amp
TA8483CP
HDIP14
2.0
35
3-phase full-wave driver, PWM sensorless drive with the TB6520P
TA84005F
SSOP30
1.0
25
3-phase full-wave driver, PWM sensorless drive with the TB6548F
TA84006F
SSOP30
1.0
25
3-phase full-wave driver
TA8486F
SSOP24
2.0
15
Low-saturation voltage multi-chip transistor array, 3-phase + H bridge
TA8490AF
SSOP30
1.2
16
CD-ROM spindle motor driver
TA8492P
DIP16
1.5
20
3-phase full-wave driver, voltage control type
TA8493F
SSOP30
1.2
16
TA8493AF
SSOP30
1.2
16
TA8493BF
SSOP30
1.2
16
TA8499F
SSOP30
1.2
16
CD-ROM spindle motor driver, direct PWM control system
TB6519F
QFP64 (0.5 mm)
0.01
14
Movie cylinder motor and capstan motor controller
TB6525F
QFP64 (0.5 mm)
0.015
8
Movie cylinder motor and loading motor controller
TB6534F
QFP64 (0.5 mm)
0.01
12
Movie cylinder motor and capstan motor controller
TB6520P
DIP16
0.0002
7
PWM type, sensorless motor controller, VCC
= 5 V, with TA8483CP
TB6537P/F
DIP18/SSOP24
0.02
5.5
PWM type, sensorless motor controller, VCC = 5 V, external transistor system
TB6548F
SSOP24
0.02
5.5
PWM type, sensorless motor controller, VCC = 5 V, with TA84005F
* TB6575FNG
SSOP24 (0.65 mm)
0.02
5.5
PWM type, sensorless motor controller, analog speed control input, function to improve startup
: Dry-packed product
*: New product
(2-phase Fan Driver Controllers)
Maximum Ratings
Part Number
Package
IO (A)
VO (V)
Features
TA8420AF
SSOP10
2.0
15
Fan motor driver, with FG output
TA8421AF
SSOP10
2.0
15
Fan motor driver, with motor status detection pin
TA8462F
SSOP10
1.5
15
Fan motor driver, with FG output and motor status detection pin
TA8473F
SSOP16
1.2
13.8
TA8473FN
SSOP16 (0.65 mm)
1.2
13.8
Fan motor driver, variable speed type, with radio noise reduction pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com