Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC75S58F Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TC75S58F
Description  General-Purpose Linear ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75S58F Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TC75S58F Datasheet HTML 8Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 9Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 10Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 11Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 12Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 13Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 14Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 15Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
128
LED Driver ICs
(LED Panel Driver ICs)
Part Number
Package
Use
Structure
TB62702P/F
DIP20/SOP20
10-segment display
10-bit DMOS sink driver (SIPO, latch), 30 V/30 mA
TB62705CP/CF/CFN
DIP16/SSOP16
Small LED panel
8-bit constant-current sink driver (SIPO, latch), 17 V/90 mA
TB62706BN/BF
SDIP24N/SSOP24
Large LED panel
16-bit constant-current sink driver (SIPO, latch), 17 V/90 mA
TB62707F
SSOP24
Full-color LED panel
8-bit constant-current sink driver (PIPO, latch), 17 V/90 mA
TB62708N
SDIP30N
Large LED panel
16-bit constant-current source driver (SIPO, latch), 17 V/−90 mA
TB62709N/F
SDIP24N/SSOP24
7-segment display
4-digit 7-segment display (anode common) decoder + constant-current driver (SIPO),
17 V/50 mA, −400 mA/digit
TB62710P/F/FN
DIP20/SSOP24/SSOP20
Small LED panel
8-bit constant-current source driver (SIPO, latch), 17 V/
−90 mA
TB62713N/F
SDIP24N/SSOP24
7 × 5 dot display
7 × 5 dot display (common cathode rows) decoder + constant-current driver (SIPO),
17 V/60 mA, −420 mA/digit
TB62715FN
SSOP20
Small LED panel
8-bit constant-current sink driver (SIPO, latch), 17 V/150 mA
TB62717N/F
SDIP42N/QFP48
Full-color LED panel
24-bit constant-current sink driver (SIPO, latch), 17 V/50 mA
TB62718AF
HQFP64
Full-color LED panel
PWM control 256-level gray scale + current compensation, 16-bit constant-current sink driver, 26 V/80 mA
TB62719AF
HQFP64
Full-color LED panel
PWM control 256-level gray scale
+ current compensation, 16-bit constant-current sink driver, 26 V/80 mA
(upward compatible with the TB62718AF)
TB62725BP/BF/BFN
DIP16/SSOP16/SSOP16
Small LED panel
3.3-V to 5-V drive, 8-bit constant-current sink driver (SIPO, latch), 17 V/90 mA
TB62726AN/AF
SDIP24N/SSOP24
Large LED panel
3.3-V to 5-V drive, 16-bit constant-current sink driver (SIPO, latch), 17 V/90 mA
TB62727FN
SSOP30
Full-color LED panel
16-bit constant-current sink driver with current compensate (SIPO, latch), 17 V/60 mA
SIPO: Serial-in parallel-out
PIPO: Parallel-in parallel-out
Toshiba manufactures the products in bold in the factories in Malaysia and Thailand as well as in Japan. We ship the products from the factories for overseas assembly of end products.
(White LED Driver ICs)
Part Number
Package
Use
Structure
TB62731FUG
TB62732FUG
SOT23-6pin
White color LED back light driver
Constant current step-up DC/DC converter
(output: 320 mW, efficiency: 80%, maximum output voltage: 30 V, maximum switching current: 0.3 A)
** TB62733FTG
VQON24
White color LED back light driver
Charge-pump type DC/DC converter (2ch output), output current: 200 mA
TB62734FMG
SON8
White color LED back light driver
Constant current step-up DC/DC converter, efficiency: 85% (max), output: 600 mW,
(with over voltage protection function)
** TB62735FTG
QFN16
White color LED back light driver
Charge-pump DC/DC converter + constant-current driver (4ch)
** TB62736FUG
SOT23-6pin
White color LED back light driver
Constant current step-up DC/DC converter, efficiency: 85% (max)
** TB62737FUG
SOT23-6pin
White color LED back light driver
Constant current step-up DC/DC converter, efficiency: 85% (max), (with over voltage protection function)
**
: Under development
CCD Clock Driver ICs
(CCD Clock Driver ICs)
Part Number
Package
Use
Structure
TB62801F
HSOP16
CCD linear image sensor
Linear CCD clock driver
TB62802F
HSOP16
CCD linear image sensor
Linear CCD clock driver (EMI noise measures product)
Thermal Head Driver ICs
Part Number
Package
Device Type
Structure
TD62C805F
QFP80
48-bit TPH driver
8-bit parallel input, 6-stage shift register latch drivers (30 V / 100 mA)
TD62C851P
DIP20
8-bit solenoid driver
8-bit shift register latch drivers (50 V / 200 mA)
TD62C852P
DIP20
8-bit solenoid driver
8-bit shift register latch drivers (50 V / 500 mA)
TD62C854AF
SSOP24
8-bit LED driver
With Power ON Reset, 8-bit shift register latch drivers (50 V / 500 mA)
TB62600F
QFP100
64-bit TPH driver
8-bit parallel input, 8-stage (1 bit input, 64-stage) shift register latch drivers (30 V / 130 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com