Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC75S58F Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # TC75S58F
Description  General-Purpose Linear ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75S58F Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button TC75S58F Datasheet HTML 20Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 21Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 22Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 23Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 24Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 25Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 26Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 27Page - List of Unclassifed Manufacturers TC75S58F Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
140
Shunt Regulators
Polarity
Part Number
Use/Function
Reference
Voltage
(typ.) (V)
Output
Voltage
(typ.) (V)
Cathode
Current
(max) (mA)
Cathode
Voltage
(max) (V)
Minimum
Cathode
Current
(max) (mA)
Reference
Voltage
Tolerance
(%)
Power Dissipation
(W)
Package
Equivalent
TA76431F/FR
Variable output voltage
Surface-mount PW-MINI (SOT-89)
package
0.5
(Ta = 25°C)
PW-MINI
(SOT-89)
431
TA76431S
Variable output voltage
Radial tape packing for automatic
mounting
2.495
Variable
2.495 to 36
Sink
150
37
1.0
±2.2
(Ta = 25°C)
0.8
(Ta = 25°C)
TO-92MOD
431
TA76L431FT
Variable output voltage
Small thin surface-mount UFV package
0.45
(Ta = 25°C)
Mounted on
glass-epoxy substrate
UFV
431
TA76L431S
Variable output voltage
Radial tape packing for automatic
mounting
2.49
Variable
2.49 to 19
Sink
50
20
0.5
±1.0
(Ta = 25°C)
0.8
(Ta = 25°C)
TO-92MOD
431
TA76432FT
TA76432AFT
Variable output voltage
Small thin surface-mount UFV package
0.45
(Ta = 25°C)
Mounted on
glass-epoxy substrate
UFV
TA76432FC
Variable output voltage
Surface-mount SMV package
0.38
(Ta = 25°C)
Mounted on
glass-epoxy substrate
SMV
TA76432F/FR
TA76432AF/AFR
Variable output voltage
Surface-mount PW-MINI (SOT-89)
package
0.5
(Ta = 25°C)
PW-MINI
(SOT-89)
TA76432S
TA76432AS
Variable output voltage
Radial tape packing for automatic
mounting
1.26
Variable
1.26 to 19
Sink
20
20
0.4
±1.4
A: ±1.0
(Ta = 25°C)
0.8
(Ta = 25°C)
TO-92MOD
TA76433FC
Cathod separation type
Variable output voltage
Surface-mount SMV package
1.26
Variable
1.26 to 14
Sink
20
15
0.4
±1.4
(Ta
= 25°C)
0.38
(Ta = 25°C)
Mounted on
glass-epoxy substrate
SMV
Multi-Functional Regulators
Polarity
Part Number
Use/Function
Output
Voltage
(typ.) (V)
Output
Current
(max) (mA)
Input Voltage
(max) (V)
Drop-out
Voltage
(typ.) (V)
Bias
Current
(typ.) (mA)
Output
Voltage
Tolerance
(%)
Power
Dissipation
(W)
Package
Equivalent
TA48S018F
1.8
TA48S02F
2
TA48S025F
2.5
TA48S03F
3
TA48S033F
3.3
TA48S05F
High-current output
Low drop-out
Built-in ON/OFF control function
Bias current (OFF): 5 µA (max)
Surface-mount 5-pin PW-MOLD
package
5
1000
16
0.5 Max
(IO = 500 mA)
0.8
(IO = 0 A)
±4.5
(Tj = 0
to 125°C)
1.0
(Ta = 25°C)
10
(Tc
= 25°C)
PW-MOLD
5 pin
TA8004SA
Medium-current output
Built-in power-on reset timer function
Low drop-out
5
400
29
(load dump = 60 V)
0.6 Max
(IO = 400 mA)
3.0
(IO = 0 A)
±5
(Ta = −40
to 85°C)
2.0
(Ta = 25°C)
20
(Tc
= 25°C)
TO-220N(IS)
5 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com