Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28301PVC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28301PVC
Description  Frequency Generator for Intel Integrated Chipset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28301PVC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28301PVC Datasheet HTML 1Page - Cypress Semiconductor CY28301PVC Datasheet HTML 2Page - Cypress Semiconductor CY28301PVC Datasheet HTML 3Page - Cypress Semiconductor CY28301PVC Datasheet HTML 4Page - Cypress Semiconductor CY28301PVC Datasheet HTML 5Page - Cypress Semiconductor CY28301PVC Datasheet HTML 6Page - Cypress Semiconductor CY28301PVC Datasheet HTML 7Page - Cypress Semiconductor CY28301PVC Datasheet HTML 8Page - Cypress Semiconductor CY28301PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY28301
Document #: 38-07011 Rev. *C
Page 5 of 15
CY28301 Serial Configuration Map
1. The serial bits will be read by the clock driver in the following
order:
Byte 0 – Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 – Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte N – Bits 7, 6, 5, 4, 3, 2, 1, 0
2. All unused register bits (reserved and N/A) should be
written to a “0” level.
3. All register bits labeled “Initialize to 0" must be written to “0”
during initialization.
Byte 0: Control Register 0
Bit
Pin#
Name
Default
Description
Bit 7
–
SEL1
0
See 5
Bit 6
–
SEL0
0
See 5
Bit 5
–
Reserved
0
Reserved
Bit 4
–
Reserved
0
Reserved
Bit 3
–
FS_Override
0
0 = Select operating frequency by FS[1:0] input pins
1 = Select operating frequency by SEL[1:0] settings
Bit 2
–
Spread Select2
0
‘000’ = Normal (spread off)
‘001’ = Test mode
‘010’ = Reserved
‘011’ = Three-stated
‘100’ = –0.5%
‘101’ = –0.75%
‘110’ = –1.0%
‘111’ = –0.3%
Bit 1
–
Spread Select1
0
Bit 0
–
Spread Select0
0
Byte 1: Control Register 1
Bit
Pin#
Name
Default
Description
Bit 7
56
Latched FS1 input
X
Latched FS[1:0] inputs. These bits are Read-only.
Bit 6
34
Latched FS0 input
X
Bit 5
–
Reserved
0
Reserved
Bit 4
–
Reserved
0
Reserved
Bit 3
–
Reserved
0
Reserved
Bit 2
–
Reserved
0
Reserved
Bit 1
56
REF
1
(Active/Inactive)
Bit 0
56
REF_DRV
0
REF Clock output drive strength
0 = Normal
1= High drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com