Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28301PVC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY28301PVC
Description  Frequency Generator for Intel Integrated Chipset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28301PVC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY28301PVC Datasheet HTML 6Page - Cypress Semiconductor CY28301PVC Datasheet HTML 7Page - Cypress Semiconductor CY28301PVC Datasheet HTML 8Page - Cypress Semiconductor CY28301PVC Datasheet HTML 9Page - Cypress Semiconductor CY28301PVC Datasheet HTML 10Page - Cypress Semiconductor CY28301PVC Datasheet HTML 11Page - Cypress Semiconductor CY28301PVC Datasheet HTML 12Page - Cypress Semiconductor CY28301PVC Datasheet HTML 13Page - Cypress Semiconductor CY28301PVC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CY28301
Document #: 38-07011 Rev. *C
Page 10 of 15
DC Electrical Characteristics[2]
DC parameters must be sustainable under steady state (DC) conditions.
Bit 5
–
Reserved
0
Reserved
Bit 4
–
Reserved
0
Reserved
Bit 3
–
Reserved
0
Reserved
Bit 2
–
Reserved
0
Reserved
Bit 1
–
Reserved
0
Reserved
Table 5. Frequency Selections through HW Strap Option and Serial Data Interface Data Bytes
Input Conditions
Output Frequency
FS1
FS0
CPU
SDRAM
3V66
PCI
APIC
SEL1
SEL0
0
0
66.6
100.0
66.6
33.3
16.6
0
1
100.0
100.0
66.6
33.3
16.6
1
0
133.3
133.3
66.6
33.3
16.6
1
1
133.3
100.0
66.6
33.3
16.6
Byte 17: Reserved Register (continued)
Bit
Pin#
Name
Default
Description
Absolute Maximum DC Power Supply
Parameter
Description
Min.
Max.
Unit
VDDQ3
3.3V Core Supply Voltage
–0.5
4.6
V
VDDQ2
2.5V I/O Supply Voltage
–0.5
3.6
V
TS
Storage Temperature
–65
150
°C
Absolute Maximum DC I/O
Parameter
Description
Min.
Max.
Unit
Vi/o3
3.3V Core Supply Voltage
–0.5
4.6
V
Vi/o3
2.5V I/O Supply Voltage
–0.5
3.6
V
ESD prot.
Input ESD Protection
2000
V
DC Operating Requirements
Parameter
Description
Condition
Min.
Max.
Unit
VDD3
3.3V Core Supply Voltage
3.3V ±5%
3.135
3.465
V
VDDQ3
3.3V I/O Supply Voltage
3.3V ±5%
3.135
3.465
V
VDDQ2
2.5V I/O Supply Voltage
2.5V ±5%
2.375
2.625
V
VDD3 = 3.3V ±5%
Vih3
3.3V Input High Voltage
VDD3
2.0
VDD + 0.3
V
Vil3
3.3V Input Low Voltage
VSS – 0.3
0.8
V
Iil
Input Leakage Current[3]
0 < Vin <VDD3
–5+5
µA
VDDQ2 = 2.5V ±5%
Voh2
2.5V Output High Voltage
Ioh = (–1 mA)
2.0
V
Vol2
2.5V Output Low Voltage
Iol = (1 mA)
0.4
V
Note:
2.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
3.
Input leakage current does not include inputs with pull-up or pull-down resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com