Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28301PVC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY28301PVC
Description  Frequency Generator for Intel Integrated Chipset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28301PVC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY28301PVC Datasheet HTML 1Page - Cypress Semiconductor CY28301PVC Datasheet HTML 2Page - Cypress Semiconductor CY28301PVC Datasheet HTML 3Page - Cypress Semiconductor CY28301PVC Datasheet HTML 4Page - Cypress Semiconductor CY28301PVC Datasheet HTML 5Page - Cypress Semiconductor CY28301PVC Datasheet HTML 6Page - Cypress Semiconductor CY28301PVC Datasheet HTML 7Page - Cypress Semiconductor CY28301PVC Datasheet HTML 8Page - Cypress Semiconductor CY28301PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Frequency Generator for Intel® Integrated Chipset
CY28301
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07011 Rev. *C
Revised September 24, 2002
Features
• Single chip FTG solution for Intel® Solano/810E/810
• Support SMBus byte Read/Write and block Read/Write
operations to simplify system BIOS development
• Vendor ID and revision ID support
• Maximized EMI suppression using Cypress’s Spread
Spectrum technology
• Low jitter and tightly controlled clock skew
• Two copies of CPU clock
• Thirteen copies of SDRAM clock
• Eight copies of PCI clock
• One copy of synchronous APIC clock
• Three copies of 66-MHz outputs
• Two copies of 48-MHz outputs
• One copy of 14.31818-MHz reference clock
Key Specifications
CPU, SDRAM Outputs Cycle-to-Cycle Jitter: ............. 250 ps
APIC, 48-MHz, 3V66, PCI Outputs
Cycle-to-Cycle Jitter: ................................................... 500 ps
CPU, 3V66 Output Skew: ............................................ 175 ps
SDRAM, APIC, 48-MHz Output Skew: ........................ 250 ps
PCI Output Skew: ........................................................ 500 ps
CPU to SDRAM Skew (@ 133 MHz) ......................... ±0.5 ns
CPU to SDRAM Skew (@ 100 MHz).................. 4.5 to 5.5 ns
CPU to 3V66 Skew (@ 66 MHz) ........................ 7.0 to 8.0 ns
3V66 to PCI Skew (3V66 lead)........................... 1.5 to 3.5 ns
PCI to APIC Skew ...................................................... ±0.5 ns
VDD_REF
VDD_CPU
PCI1
XTAL
PLL REF FREQ
PLL 1
X2
X1
REF/FS1
PCI3:7
48MHz/FS0
24_48MHz
PLL2
OSC
VDD_48MHz
SMBus
SDATA
Logic
SCLK
3V66_0:2
CPU0:1
APIC
Divider,
Delay, and
Phase
Control
Logic
3
VDD_3V66
2
SDRAM0:11,
13
PCI0
PCI2/SEL24_48MHz#*
/2
(FS0:4)
5
VDD_REF
X1
X2
GND_REF
GND_3V66
3V66_0
3V66_1
3V66_2
VDD_3V66
VDD_PCI
PCI0
PCI1
PCI2/SEL24_48MHz#*
GND_PCI
PCI3
PCI4
PCI5
VDD_PCI
PCI6
PCI7
GND_PCI
PD#*
SCLK
SDATA
REF/FS1*
VDD_APIC
APIC
VDD_CPU
CPU0
CPU1
GND_CPU
GND_SDRAM
SDRAM0
SDRAM1
SDRAM2
VDD_SDRAM
SDRAM3
SDRAM4
SDRAM5
GND_SDRAM
SDRAM6
SDRAM7
SDRAM_F
VDD_SDRAM
GND_48MHz
24_48MHz
48MHz/FS0*
VDD_48MHz
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
VDD_SDRAM
SDRAM11
SDRAM10
GND_SDRAM
VDD_SDRAM
SDRAM8
SDRAM9
GND_SDRAM
VDD_APIC
SDRAM_F
VDD_SDRAM
VDD_PCI
PD#
Note:
1.
Internal 100K pull-up resistors present on inputs marked with *. Design
should not rely solely on internal pull-up resistor to set I/O pins HIGH.
Pin Configuration[1]
Block Diagram


Similar Part No. - CY28301PVC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28301PVC SPECTRALINEAR-CY28301PVC Datasheet
168Kb / 13P
Frequency Generator for Intel(r) Integrated Chipset
CY28301PVCT SPECTRALINEAR-CY28301PVCT Datasheet
168Kb / 13P
Frequency Generator for Intel(r) Integrated Chipset
More results

Similar Description - CY28301PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28301 SPECTRALINEAR-CY28301 Datasheet
168Kb / 13P
Frequency Generator for Intel(r) Integrated Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
Clock Generator for Intel Grantsdale Chipset
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
Clock Generator for Intel Alviso Chipset
logo
Silicon Laboratories
SL28748 SILABS-SL28748 Datasheet
316Kb / 19P
EProClock짰 Generator for Intel Calpella Chipset
SL28779 SILABS-SL28779 Datasheet
292Kb / 22P
EProClock짰 Generator for Intel Calpella Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com