Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28301PVC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28301PVC
Description  Frequency Generator for Intel Integrated Chipset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28301PVC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28301PVC Datasheet HTML 7Page - Cypress Semiconductor CY28301PVC Datasheet HTML 8Page - Cypress Semiconductor CY28301PVC Datasheet HTML 9Page - Cypress Semiconductor CY28301PVC Datasheet HTML 10Page - Cypress Semiconductor CY28301PVC Datasheet HTML 11Page - Cypress Semiconductor CY28301PVC Datasheet HTML 12Page - Cypress Semiconductor CY28301PVC Datasheet HTML 13Page - Cypress Semiconductor CY28301PVC Datasheet HTML 14Page - Cypress Semiconductor CY28301PVC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY28301
Document #: 38-07011 Rev. *C
Page 11 of 15
VDDQ3 = 3.3V ±5%
Voh3
3.3V Output High Voltage
Ioh = (–1 mA)
.4
V
Vol3
3.3V Output Low Voltage
Iol = (1 mA)
0.4
V
VDDQ3 = 3.3V ±5%
Vpoh3
PCI Bus Output High Voltage
Ioh = (–1 mA)
2.4
V
Vpol3
PCI Bus Output Low Voltage
Iol = (1 mA)
0.55
V
Cin
Input Pin Capacitance
5
pF
Cxtal
Xtal Pin Capacitance
13.5
22.5
pF
Cout
Output Pin Capacitance
6
pF
Lpin
Pin Inductance
0
7
nH
Ta
Ambient Temperature
No airflow
0
70
°C
DC Operating Requirements (continued)
Parameter
Description
Condition
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com