Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28301PVC Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY28301PVC
Description  Frequency Generator for Intel Integrated Chipset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28301PVC Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY28301PVC Datasheet HTML 7Page - Cypress Semiconductor CY28301PVC Datasheet HTML 8Page - Cypress Semiconductor CY28301PVC Datasheet HTML 9Page - Cypress Semiconductor CY28301PVC Datasheet HTML 10Page - Cypress Semiconductor CY28301PVC Datasheet HTML 11Page - Cypress Semiconductor CY28301PVC Datasheet HTML 12Page - Cypress Semiconductor CY28301PVC Datasheet HTML 13Page - Cypress Semiconductor CY28301PVC Datasheet HTML 14Page - Cypress Semiconductor CY28301PVC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
CY28301
Document #: 38-07011 Rev. *C
Page 12 of 15
AC Electrical Characteristics[2] (TA = 0°C to +70°C, VDDQ3 = 3.3V ±5%, VDDQ2= 2.5V ±5% fXTL = 14.31818 MHz)
Parameter
Description
66.6-MHz Host
100-MHz Host
133-MHz Host
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
CPUCLK
TPeriod
Host/CPUCLK Period
15.0
15.5
10.0
10.5
7.5
8.0
ns
4
THIGH
Host/CPUCLK High Time
5.2
N/A
3.0
N/A
1.87
N/A
ns
5
TLOW
Host/CPUCLK Low Time
5.0
N/A
2.8
N/A
1.67
N/A
ns
6
TRISE
Host/CPUCLK Rise Time
0.4
1.6
0.4
1.6
0.4
1.6
ns
TFALL
Host/CPUCLK Fall Time
0.4
1.6
0.4
1.6
0.4
1.6
ns
SDRAM
TPeriod
SDRAM CLK Period
10.0
10.5
10.0
10.5
10.0
10.5
ns
4
THIGH
SDRAM CLK High Time
3.0
N/A
3.0
N/A
3.0
N/A
ns
5
TLOW
SDRAM CLK Low Time
2.8
N/A
2.8
N/A
2.8
N/A
ns
6
TRISE
SDRAM CLK Rise Time
0.4
1.6
0.4
1.6
0.4
1.6
ns
TFALL
SDRAM CLK Fall Time
0.4
1.6
0.4
1.6
0.4
1.6
ns
APIC
TPeriod
APIC CLK Period
60.0
64.0
60.0
N/A
60.0
64.0
ns
4
THIGH
APIC CLK High Time
25.5
N/A
25.5
N/A
25.5
N/A
ns
5
TLOW
APIC CLK Low Time
25.3
N/A
25.30
N/A
25.30
N/A
ns
6
TRISE
APIC CLK Rise Time
0.4
1.6
0.4
1.6
0.4
1.6
ns
TFALL
APIC CLK Fall Time
0.4
1.6
0.4
1.6
0.4
1.6
ns
3V66
TPeriod
3V66 CLK Period
15.0
16.0
15.0
16.0
15.0
16.0
ns
4, 8
THIGH
3V66 CLK High Time
5.25
N/A
5.25
N/A
5.25
N/A
ns
5
TLOW
3V66 CLK Low Time
5.05
N/A
5.05
N/A
5.05
N/A
ns
6
TRISE
3V66 CLK Rise Time
0.5
2.0
0.5
2.0
0.5
2.0
ns
TFALL
3V66 CLK Fall Time
0.5
2.0
0.5
2.0
0.5
2.0
ns
PCI
TPeriod
PCI CLK Period
30.0
N/A
30.0
N/A
30.0
N/A
ns
4, 7
THIGH
PCI CLK High Time
12.0
N/A
12.0
N/A
12.0
N/A
ns
5
TLOW
PCI CLK Low Time
12.0
N/A
12.0
N/A
12.0
N/A
ns
6
TRISE
PCI CLK Rise Time
0.5
2.0
0.5
2.0
0.5
2.0
ns
TFALL
PCI CLK Fall Time
0.5
2.0
0.5
2.0
0.5
2.0
ns
tpZL, tpZH
Output Enable Delay (All outputs)
1.0
10.0
1.0
10.0
1.0
10.0
ns
tpLZ, tpZH
Output Disable Delay
(All outputs)
1.0
10.0
1.0
10.0
1.0
10.0
ns
tstable
All Clock Stabilization from
Power-Up
33
3
ms
Notes:
4.
Period, jitter, offset, and skew measured on the rising edge at 1.25 for 2.5V clocks and at 1.5V for 3.3V clocks.
5.
The time specified is measured from when VDDQ3 achieves its nominal operating level (typical condition VDDQ3 = 3.3V) until the frequency output is stable
and operating within specifications.
6.
TRISE and TFALL are measured as transitions through the threshold region Vol = 0.4V and Voh = 2.0V (1 mA) JEDEC specification.
7.
THIGH is measured at 2.0V for 2.5V outputs, and 2.4V for 3.3V outputs.
8.
TLOW is measured at 0.4V for all outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com