Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28301PVC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY28301PVC
Description  Frequency Generator for Intel Integrated Chipset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28301PVC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY28301PVC Datasheet HTML 7Page - Cypress Semiconductor CY28301PVC Datasheet HTML 8Page - Cypress Semiconductor CY28301PVC Datasheet HTML 9Page - Cypress Semiconductor CY28301PVC Datasheet HTML 10Page - Cypress Semiconductor CY28301PVC Datasheet HTML 11Page - Cypress Semiconductor CY28301PVC Datasheet HTML 12Page - Cypress Semiconductor CY28301PVC Datasheet HTML 13Page - Cypress Semiconductor CY28301PVC Datasheet HTML 14Page - Cypress Semiconductor CY28301PVC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CY28301
Document #: 38-07011 Rev. *C
Page 13 of 15
Group Skew and Jitter Limits
Output Group
Pin-Pin Skew Max.
Cycle-Cycle Jitter
Duty Cycle
Nom. VDD
Skew, Jitter
Measure Point
CPU
175 ps
250 ps
45/55
2.5V
1.25V
SDRAM
250 ps
250 ps
45/55
3.3V
1.5V
APIC
250 ps
500 ps
45/55
2.5V
1.25V
48MHz
250 ps
500 ps
45/55
3.3V
1.5V
3V66
175 ps
500 ps
45/55
3.3V
1.5V
PCI
500 ps
500 ps
45/55
3.3V
1.5V
REF
N/A
1000 ps
45/55
3.3V
1.5V
Clock Output Wave
2.5V Clocking
3.3V Clocking
Test Point
Test Load
TPERIOD
Duty Cycle
THIGH
2.0
1.25
0.4
TLOW
TRISE
TFALL
TLOW
TRISE
TFALL
TPERIOD
Duty Cycle
THIGH
2.4
1.5
0.4
Output
Buffer
Interface
Interface
Figure 1. Output Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com