Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2430 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2430
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX2430 Datasheet HTML 1Page - National Semiconductor (TI) LMX2430 Datasheet HTML 2Page - National Semiconductor (TI) LMX2430 Datasheet HTML 3Page - National Semiconductor (TI) LMX2430 Datasheet HTML 4Page - National Semiconductor (TI) LMX2430 Datasheet HTML 5Page - National Semiconductor (TI) LMX2430 Datasheet HTML 6Page - National Semiconductor (TI) LMX2430 Datasheet HTML 7Page - National Semiconductor (TI) LMX2430 Datasheet HTML 8Page - National Semiconductor (TI) LMX2430 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Connection Diagrams
Ultra Thin Chip Scale Package (SLE)
(Top View)
Thin Shrink Small Outline Package (TM)
(Top View)
20053539
20053583
Pin Descriptions
Pin No.
UTCSP
Pin No.
TSSOP
Pin Name
I/O
Description
1
2
GND
—
Ground for the IF PLL analog and digital circuits, MICROWIRE
TM, Ftest/LD and
oscillator circuits.
2
3
FinIF
I
IF PLL prescaler input. Small signal input from the VCO.
3
4
EN
I
Chip Enable input. High Impedance CMOS input. When this pin is set HIGH,
the RF and IF PLLs are powered up. Powerdown is then controlled through the
MICROWIRE. When this pin is set LOW, the device is asynchronously powered
down and the charge pump output is forced to a high impedance state
(TRI-STATE).
4
5
CPoutIF
O
IF PLL charge pump output. The output is connected to the external loop filter,
which drives the input of the IF VCO.
5
6
ENosc
I
Oscillator Enable input. High impedance CMOS input. When this pin is set
HIGH, the oscillator buffer is always powered up, independent of the state of
the EN pin. When this pin is set LOW, the OSCout/ FLoutIF pin functions as an
IF Fastlock output, which connects a resistor in parallel to R2 of the external
loop filter.
6
7
OSCout/
FLoutIF
O
Oscillator output/ IF PLL Fastlock output. The output configuration is dependent
on the state of the ENosc pin. When ENosc is set LOW, the pin functions as an
IF Fastlock output, which connects a resistor in parallel to R2 of the external
loop filter. This configuration also functions as a general purpose CMOS
TRI-STATE output. When ENosc is set HIGH, the pin functions as an oscillator
output so that an external crystal can be used.
7
8
OSCin
I
Reference oscillator input. The input has an approximate Vcc/2 threshold and is
driven by an external AC coupled source.
8
9
Vcc
—
Power supply bias for the RF PLL digital circuits and oscillator circuits. Vcc may
range from 2.25V to 2.75V. Bypass capacitors should be placed as close as
possible to this pin and be connected directly to the ground plane.
9
10
Ftest/LD
O
Programmable multiplexed output. Functions as a general purpose CMOS
TRI-STATE output, N and R divider output, RF/ IF PLL push-pull analog lock
detect output, RF/ IF PLL open-drain analog lock detect output, or RF/ IF PLL
digital filtered lock detect output.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com