Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2430 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2430
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMX2430 Datasheet HTML 2Page - National Semiconductor (TI) LMX2430 Datasheet HTML 3Page - National Semiconductor (TI) LMX2430 Datasheet HTML 4Page - National Semiconductor (TI) LMX2430 Datasheet HTML 5Page - National Semiconductor (TI) LMX2430 Datasheet HTML 6Page - National Semiconductor (TI) LMX2430 Datasheet HTML 7Page - National Semiconductor (TI) LMX2430 Datasheet HTML 8Page - National Semiconductor (TI) LMX2430 Datasheet HTML 9Page - National Semiconductor (TI) LMX2430 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Absolute Maximum Ratings (Notes 1,
2, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage
Vcc to GND
−0.3V to +3.25V
Voltage on any pin to GND (V
I)
V
I must be < +3.25V
−0.3V to Vcc+0.3V
Storage Temperature Range (T
S)
−65˚C to +150˚C
Lead Temperature (solder 4 s) (T
L)
+260˚C
Recommended Operating
Conditions (Note 1)
Power Supply Voltage
Vcc to GND
+2.25V to +2.75V
Operating Temperature (T
A)
−40˚C to +85˚C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Recommended Operating Conditions indicate condi-
tions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test condi-
tions, refer to the Electrical Characteristics section. The guaranteed specifi-
cations apply only for the conditions listed.
Note 2: This device is a high performance RF integrated circuit with an ESD
rating <2 kV and is ESD sensitive. Handling and assembly of this device
should only be done at ESD protected work stations.
Note 3: GND=0V
Electrical Characteristics
Vcc = EN = 2.5V, −40˚C
≤ T
A
≤ +85˚C, unless otherwise specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
I
CC PARAMETERS
Icc
RF
Power Supply
Current, RF
Synthesizer
LMX2430
CLK, DATA and LE = 0V
OSCin = GND
RF_PD Bit = 0
IF_PD Bit = 1
RF_P Bit = 0
2.8
3.6
mA
LMX2433
3.2
4.4
mA
LMX2434
4.6
6.2
mA
Icc
IF
Power Supply
Current, IF
Synthesizer
LMX2430
CLK, DATA and LE = 0V
OSCin = GND
RF_PD Bit = 1
IF_PD Bit = 0
IF_P Bit = 0
1.4
2.0
mA
LMX2433
2.0
2.8
mA
LMX2434
2.4
3.5
mA
Icc
PD
Powerdown Current
EN, ENosc, CLK, DATA
and LE = 0V
10
µA
RF SYNTHESIZER PARAMETERS
f
FinRF
RF Operating
Frequency
LMX2430
RF_P Bit = 0
250
2500
MHz
RF_P Bit = 1
250
3000
MHz
LMX2433
RF_P Bit = 0
500
3000
MHz
RF_P Bit = 1
500
3600
MHz
LMX2434
RF_P Bit = 0 or 1
1000
5000
MHz
N
RF
N Divider Range
P = 8/9
(Note 4)
24
262151
P = 16/17
(Note 4)
48
524287
P = 32/33
(Note 4)
96
524287
R
RF
RF R Divider Range
3
32767
f
COMPRF
RF Phase Detector Frequency
10
MHz
p
FinRF
RF Input Sensitivity
LMX2430/33
2.25V
≤ Vcc ≤ 2.75V
(Note 5)
−15
0
dBm
LMX2434
2.35V
≤ Vcc ≤ 2.75V
(Note 5)
−12
0
dBm
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com