Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2430 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2430
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX2430 Datasheet HTML 5Page - National Semiconductor (TI) LMX2430 Datasheet HTML 6Page - National Semiconductor (TI) LMX2430 Datasheet HTML 7Page - National Semiconductor (TI) LMX2430 Datasheet HTML 8Page - National Semiconductor (TI) LMX2430 Datasheet HTML 9Page - National Semiconductor (TI) LMX2430 Datasheet HTML 10Page - National Semiconductor (TI) LMX2430 Datasheet HTML 11Page - National Semiconductor (TI) LMX2430 Datasheet HTML 12Page - National Semiconductor (TI) LMX2430 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Electrical Characteristics (Continued)
Vcc = EN = 2.5V, −40˚C
≤ T
A
≤ +85˚C, unless otherwise specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
PHASE NOISE CHARACTERISTICS
L
NRF(f)
RF Synthesizer Normalized Phase
Noise Contribution
(Note 10)
TCXO Reference Source
RF_CPG Bit = 1
IF_PD Bit = 1
-219.0
dBc/
Hz
L
NIF(f)
IF Synthesizer Normalized Phase
Noise Contribution
(Note 10)
TCXO Reference Source
IF_CPG Bit = 1
RF_PD Bit = 1
-214.0
dBc/
Hz
L
RF(f)
RF Synthesizer Single
Side Band Phase
Noise Measured
LMX2430
f
FinRF = 2750 MHz
f = 10 kHz offset
f
COMPRF = 1 MHz
Loop Bandwidth = 100 kHz
N
RF = 2750
f
OSCin =10MHz
v
OSCin =1 VPP
RF_CPG Bit = 1
IF_PD Bit = 1
T
A = +25
oC
(Note 11)
-90.30
dBc/
Hz
LMX2433
f
FinRF = 3200 MHz
f = 10 kHz offset
f
COMPRF = 1 MHz
Loop Bandwidth = 100 kHz
N
RF = 3200
f
OSCin =10MHz
v
OSCin =1 VPP
RF_CPG Bit = 1
IF_PD Bit = 1
T
A = +25
oC
(Note 11)
-88.90
dBc/
Hz
LMX2434
f
FinRF = 4700 MHz
f = 10 kHz offset
f
COMPRF = 1 MHz
Loop Bandwidth = 100 kHz
N
RF = 4700
f
OSCin =10MHz
v
OSCin =1 VPP
RF_CPG Bit = 1
IF_PD Bit = 1
T
A = +25
oC
(Note 11)
-85.60
dBc/
Hz
Note 4: Some of the values in this range are illegal divide ratios (B < A). To obtain continuous legal division, the Minimum Divide Ratio must be calculated. Use N
≥ P * (P−1), where P is the value of the prescaler selected.
Note 5: Refer to the LMX243x FinRF Sensitivity Test Setup section
Note 6: Refer to the LMX243x Charge Pump Test Setup section
Note 7: Refer to the Charge Pump Current Specification Definitions for details on how these measurements are made.
Note 8: Refer to the LMX243x OSCin Sensitivity Test Setup section
Note 9: Refer to the LMX243x Serial Data Input Timing section
Note 10: Normalized Phase Noise Contribution is defined as : LN(f) = L(f) − 20 log (N) − 10 log (fCOMP), where L(f) is defined as the single side band phase noise
measured at an offset frequency, f, ina1Hz bandwidth. The offset frequency, f, must be chosen sufficiently smaller than the PLL’s loop bandwidth, yet large enough
to avoid substantial phase noise contribution from the reference source. N is the value selected for the feedback divider and fCOMP is the RF/IF phase/ frequency
detector comparison frequency.
Note 11: The synthesizer phase noise is measured with the LMX2430TM/LMX2430SLE Evaluation boards and the HP8566B Spectrum Analyzer.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com