Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2430 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2430
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2430 Datasheet HTML 1Page - National Semiconductor (TI) LMX2430 Datasheet HTML 2Page - National Semiconductor (TI) LMX2430 Datasheet HTML 3Page - National Semiconductor (TI) LMX2430 Datasheet HTML 4Page - National Semiconductor (TI) LMX2430 Datasheet HTML 5Page - National Semiconductor (TI) LMX2430 Datasheet HTML 6Page - National Semiconductor (TI) LMX2430 Datasheet HTML 7Page - National Semiconductor (TI) LMX2430 Datasheet HTML 8Page - National Semiconductor (TI) LMX2430 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
LMX2430/LMX2433/LMX2434
PLLatinum™ Dual High Frequency Synthesizer for RF
Personal Communications
LMX2430
3.0 GHz/0.8 GHz
LMX2433
3.6 GHz/1.7 GHz
LMX2434
5.0 GHz/2.5 GHz
General Description
The LMX243x devices are high performance frequency syn-
thesizers with integrated dual modulus prescalers. The
LMX243x devices are designed for use as RF and IF local
oscillators for dual conversion radio transceivers.
A 32/33 or a 16/17 prescale ratio can be selected for the 5.0
GHz LMX2434 RF synthesizer. An 8/9 or a 16/17 prescale
ratio can be selected for both the LMX2430 and LMX2433
RF synthesizers. The IF circuitry contains an 8/9 or a 16/17
prescaler. Using a proprietary digital phase locked loop tech-
nique, the LMX243x devices generate very stable, low noise
control signals for RF and IF voltage controlled oscillators.
Both the RF and IF synthesizers include a two-level pro-
grammable charge pump. Both the RF and IF synthesizers
have dedicated Fastlock circuitry with integrated timeout
counters. Furthermore, only a single word write is required to
power up and tune the synthesizers to a new frequency.
Serial data is transferred to the devices via a three-wire
interface (DATA, LE, CLK). A low voltage logic interface
allows direct connection to 1.8V devices. Supply voltages
from 2.25V to 2.75V are supported . The LMX243x family
features low current consumption:
LMX2430 (3.0 GHz/ 0.8 GHz) — 2.8 mA/ 1.4 mA, LMX2433
(3.6 GHz/ 1.7 GHz) — 3.2 mA/ 2.0 mA, LMX2434 (5.0 GHz/
2.5 GHz) — 4.6 mA/ 2.4 mA at 2.50V.
The LMX243x devices are available in 20-Pin TSSOP and
20-Pin UTCSP surface mount plastic packages.
Features
n
Low Current Consumption
n
2.25V to 2.75V Operation
n
Selectable Synchronous or Asynchronous Powerdown
Mode
n
Selectable Dual Modulus Prescaler:
LMX2430
RF: 8/9 or 16/17
LMX2433
RF: 8/9 or 16/17
LMX2434
RF: 16/17 or 32/33
LMX243x
IF: 8/9 or 16/17
n
Programmable Charge Pump Current Levels
RF and IF: 1 or 4 mA
n
Fastlock™ Technology with Integrated Timeout Counters
n
Digital Filtered Lock Detect Output
n
Analog Lock Detect Output (supports both Push-Pull
and Open Drain configurations)
n
1.8V MICROWIRE Logic Interface
n
Available in 20-Pin TSSOP and 20-Pin UTCSP
Applications
n
Mobile Handsets
(GSM, GPRS, W-CDMA, CDMA, PCS, AMPS, PDC,
DCS)
n
Cordless Handsets
(DECT, DCT)
n
Wireless Data
n
Cable TV Tuners
Thin Shrink Small Outline Package (MTC20)
Ultra Thin Chip Scale Package (SLE20A)
20053580
20053581
PLLatinum™ is a trademark of National Semiconductor Corporation.
May 2003
© 2003 National Semiconductor Corporation
DS200535
www.national.com


Similar Part No. - LMX2430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2430 TI1-LMX2430 Datasheet
4Mb / 48P
PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430 Datasheet
3Mb / 53P
Dual High-Frequency Synthesizer
LMX2430SLEX TI1-LMX2430SLEX Datasheet
3Mb / 53P
Dual High-Frequency Synthesizer
LMX2430SLEX/NOPB TI1-LMX2430SLEX/NOPB Datasheet
3Mb / 53P
Dual High-Frequency Synthesizer
LMX2430TM TI1-LMX2430TM Datasheet
3Mb / 53P
Dual High-Frequency Synthesizer
More results

Similar Description - LMX2430

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com