Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2430 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2430
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX2430 Datasheet HTML 6Page - National Semiconductor (TI) LMX2430 Datasheet HTML 7Page - National Semiconductor (TI) LMX2430 Datasheet HTML 8Page - National Semiconductor (TI) LMX2430 Datasheet HTML 9Page - National Semiconductor (TI) LMX2430 Datasheet HTML 10Page - National Semiconductor (TI) LMX2430 Datasheet HTML 11Page - National Semiconductor (TI) LMX2430 Datasheet HTML 12Page - National Semiconductor (TI) LMX2430 Datasheet HTML 13Page - National Semiconductor (TI) LMX2430 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Charge Pump Current Specification Definitions
20053537
I1 = Charge Pump Sink Current at VCPout = Vcc − ∆V
I2 = Charge Pump Sink Current at VCPout = Vcc//2
I3 = Charge Pump Sink Current at VCPout = ∆V
I4 = Charge Pump Source Current at VCPout = Vcc − ∆V
I5 = Charge Pump Source Current at VCPout = Vcc/2
I6 = Charge Pump Source Current at VCPout = ∆V
∆V = Voltage offset from the positive and negative rails. Dependent on the VCO tuning range relative to Vcc and GND. Typical values are between 0.5V and
1.0V.
VCPout refers to either VCPoutRF or VCPoutIF
ICPout refers to either ICPoutRF or ICPoutIF
Charge Pump Output Current Magnitude Variation Vs Charge Pump Output Voltage
20053563
Charge Pump Output Sink Current Vs Charge Pump Output Source Current Mismatch
20053564
Charge Pump Output Current Magnitude Variation Vs Temperature
20053565
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com