Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2430 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2430
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX2430 Datasheet HTML 3Page - National Semiconductor (TI) LMX2430 Datasheet HTML 4Page - National Semiconductor (TI) LMX2430 Datasheet HTML 5Page - National Semiconductor (TI) LMX2430 Datasheet HTML 6Page - National Semiconductor (TI) LMX2430 Datasheet HTML 7Page - National Semiconductor (TI) LMX2430 Datasheet HTML 8Page - National Semiconductor (TI) LMX2430 Datasheet HTML 9Page - National Semiconductor (TI) LMX2430 Datasheet HTML 10Page - National Semiconductor (TI) LMX2430 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Electrical Characteristics (Continued)
Vcc = EN = 2.5V, −40˚C
≤ T
A
≤ +85˚C, unless otherwise specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
RF SYNTHESIZER PARAMETERS
I
CPoutRF
Source
RF Charge Pump Output Source
Current
V
CPoutRF = Vcc/2
RF_CPG Bit = 0
(Note 6)
-1.0
mA
V
CPoutRF = Vcc/2
RF_CPG Bit = 1
(Note 6)
-4.0
mA
I
CPoutRF
Sink
RF Charge Pump Output Sink Current V
CPoutRF = Vcc/2
RF_CPG Bit = 0
(Note 6)
1.0
mA
V
CPoutRF = Vcc/2
RF_CPG Bit = 1
(Note 6)
4.0
mA
I
CPoutRF
TRI
RF Charge Pump Output TRI-STATE
Current
0.5V
≤ V
CPoutRF
≤ Vcc - 0.5V
(Note 6)
-2.5
2.5
nA
I
CPoutRF
%MIS
RF Charge Pump Output Sink Current
Vs Charge Pump Output Source
Current Mismatch
V
CPoutRF = Vcc/2
(Note 7)
310
%
I
CPoutRF
%V
CPoutRF
RF Charge Pump Output Current
Magnitude Variation Vs Charge Pump
Output Voltage
0.5V
≤ V
CPoutRF
≤ Vcc - 0.5V
(Note 7)
515
%
I
CPoutRF
%T
A
RF Charge Pump Output Current
Magnitude Variation Vs Temperature
V
CPoutRF = Vcc/2
(Note 7)
2%
IF SYNTHESIZER PARAMETERS
f
FinIF
IF Operating
Frequency
LMX2430
IF_P Bit = 0 or 1
100
800
MHz
LMX2433
IF_P Bit = 0 or 1
250
1700
MHz
LMX2434
IF_P Bit = 0 or 1
500
2500
MHz
N
IF
IF N Divider Range
P = 8/9
(Note 4)
24
131079
P = 16/17
(Note 4)
48
262143
R
IF
IF R Divider Range
3
32767
f
COMPIF
IF Phase Detector Frequency
10
MHz
p
FinIF
IF Input Sensitivity
2.25V
≤ Vcc ≤ 2.75V
(Note 5)
-15
0
dBm
I
CPoutIF
Source
IF Charge Pump Output Source
Current
V
CPoutIF = Vcc/2
IF_CPG Bit = 0
(Note 6)
-1.0
mA
V
CPoutIF = Vcc/2
IF_CPG Bit = 1
(Note 6)
-4.0
mA
I
CPoutIF
Sink
IF Charge Pump Output Sink Current
V
CPoutIF = Vcc/2
IF_CPG Bit = 0
(Note 6)
1.0
mA
V
CPoutIF = Vcc/2
IF_CPG Bit = 1
(Note 6)
4.0
mA
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com