Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG102 Datasheet(PDF) 5 Page - Texas Instruments

Part # LOG102
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG102 Datasheet(HTML) 5 Page - Texas Instruments

  LOG102 Datasheet HTML 1Page - Texas Instruments LOG102 Datasheet HTML 2Page - Texas Instruments LOG102 Datasheet HTML 3Page - Texas Instruments LOG102 Datasheet HTML 4Page - Texas Instruments LOG102 Datasheet HTML 5Page - Texas Instruments LOG102 Datasheet HTML 6Page - Texas Instruments LOG102 Datasheet HTML 7Page - Texas Instruments LOG102 Datasheet HTML 8Page - Texas Instruments LOG102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
LOG102
5
SBOS211A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±5V, RL = 10kΩ, unless otherwise noted.
TOTAL ERROR vs TEMPERATURE
0
60
50
40
30
20
10
0
30
10
20
50
60
Temperature (
°C)
40
70
1mA
1nA
10nA to 100
µA
LOG CONFORMITY vs V
LOGOUT
–3
5
4
3
2
1
0
–1
–2
–3
–1
–21
2
V
LOGOUT (V)
03
70
°C
0
°C
25
°C
LOG CONFORMITY vs TEMPERATURE
0
300
200
100
0
30
10
20
50
60
Temperature (
°C)
40
70
6 Decades (1nA to 1mA)
5 Decades (1nA to 100
µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com