Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG102 Datasheet(PDF) 7 Page - Texas Instruments

Part # LOG102
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LOG102 Datasheet HTML 3Page - Texas Instruments LOG102 Datasheet HTML 4Page - Texas Instruments LOG102 Datasheet HTML 5Page - Texas Instruments LOG102 Datasheet HTML 6Page - Texas Instruments LOG102 Datasheet HTML 7Page - Texas Instruments LOG102 Datasheet HTML 8Page - Texas Instruments LOG102 Datasheet HTML 9Page - Texas Instruments LOG102 Datasheet HTML 10Page - Texas Instruments LOG102 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
LOG102
7
SBOS211A
FIGURE 6. Current Inverter/Current Source.
10M
Ω
+25mV
100k
Ω
–2.5V
+2.5V
OPA335
100
Ω
I
1 = 2.5nA to 1mA
I
2 = 2.5nA
V
LOGOUT
C
C
1G
Ω to 2.5kΩ
REF3025
14
5
1
910
5
V–
LOG102
6
2.5V
V+
V+
Chopper Om Amp
FIGURE 5. Current Source with Offset Compensation.
Figure 5 shows a low-level current source using a series
resistor. The low offset op-amp reduces the effect of the
LOG102’s input offset voltage.
FIGURE 7. Precision Current Inverter/Current Source.
Q
B
National
LM394
I
IN
I
OUT
D
1
OPA703
D
2
Q
A
1.5k
Ω
Photodiode
10nA to 1mA
10nA to 1mA
+5V
+5V
1.5k
Ω
+3.3V
+3.3V
1/2 OPA2335
1/2 OPA2335
OPA2335
1
2
BSH203
TLV271 or
Back Bias
LOG102
Pin 1 or Pin 14
NOTE: OPA2335 Available Q2 2002
NEGATIVE INPUT CURRENTS
The LOG102 will function only with positive input currents
(conventional current flow into pins 1 and 14). In situations
where negative input currents are needed, the circuits in
Figures 6, 7, 8, and 9, may be used.
VOLTAGE INPUTS
The LOG102 gives the best performance with current inputs.
Voltage inputs may be handled directly with series resistors,
but the dynamic input range is limited to approximately three
decades of input voltage by voltage noise and offsets. The
transfer function of equation (14) applies to this configura-
tion.
FREQUENCY RESPONSE
The 3dB frequency response of the LOG102 is a function of
the magnitude of the input current levels and of the value of
the frequency compensation capacitor. See Typical Charac-
teristic Curves for details.
The frequency response curves are shown for constant DC
I1 and I2 with a small signal AC current on one of them.
The transient response of the LOG102 is different for in-
creasing and decreasing signals. This is due to the fact that
a log amp is a nonlinear gain element and has different gains
at different levels of input signals. Smaller input currents
require greater gain to maintain full dynamic range, and will
slow the frequency response of the LOG102.
FREQUENCY COMPENSATION
Frequency compensation for the LOG102 is obtained by
connecting a capacitor between pins 5 and 14. The size of
the capacitor is a function of the input currents, as shown in
the Typical Characteristic Curves (Minimum Value of Com-
pensation Capacitor). For any given application, the smallest
value of the capacitor which may be used is determined by
the maximum value of I2 and the minimum value of I1. Larger
values of CC will make the LOG102 more stable, but will
reduce the frequency response.
In an application, highest overall bandwidth can be achieved
by detecting the signal level at VOUT, then switching in
appropriate values of compensation capacitors.
As seen on front page diagram, the voltage output of VLOGOUT
can be scaled by increasing or decreasing the resistor ratio
connected to pins 4 and 7. The gain, G, can be set according
to the following equation:
G = 1 + R2/R1
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com