Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG102 Datasheet(PDF) 1 Page - Texas Instruments

Part # LOG102
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG102 Datasheet(HTML) 1 Page - Texas Instruments

  LOG102 Datasheet HTML 1Page - Texas Instruments LOG102 Datasheet HTML 2Page - Texas Instruments LOG102 Datasheet HTML 3Page - Texas Instruments LOG102 Datasheet HTML 4Page - Texas Instruments LOG102 Datasheet HTML 5Page - Texas Instruments LOG102 Datasheet HTML 6Page - Texas Instruments LOG102 Datasheet HTML 7Page - Texas Instruments LOG102 Datasheet HTML 8Page - Texas Instruments LOG102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FEATURES
q EASY-TO-USE COMPLETE LOG RATIO FUNCTION
q OUTPUT AMPLIFIERS FOR SCALING AND
SIGNAL LOSS INDICATION
q HIGH ACCURACY: 0.15% FSO Total Error Over
6 Decades
q WIDE INPUT DYNAMIC RANGE:
6 Decades, 1nA to 1mA
q LOW QUIESCENT CURRENT: 1.25mA
q SO-14 PACKAGE
Precision
LOGARITHMIC AND LOG RATIO AMPLIFIER
DESCRIPTION
The LOG102 is a versatile integrated circuit that computes
the logarithm or log ratio of an input current relative to a
reference current.
The LOG102 is tested over a wide dynamic range of input
signals. In log ratio applications, a signal current can be
generated by a photodiode, and a reference current from a
resistor in series with a precision external voltage reference.
A3 and A4 are identical, uncommitted op amps that can be
used for a variety of functions, such as filtering, offsetting,
adding gain or as a comparator to detect loss of signal.
The output signal at VLOG OUT is trimmed to 1V per decade of
input current. It can be scaled with an output amplifier, either
A3 or A4.
Low dc offset voltage and temperature drift allow accurate
measurement of low-level signals over a wide environmental
temperature range. The LOG102 is specified over the tem-
perature range, 0
°C to +70°C, with operation over –40°C to
+85
°C.
APPLICATIONS
q ONET, OPTICAL POWER METERS
q LOG, LOG RATIO COMPUTATION:
Communication, Analytical, Medical, Industrial,
Test, General Instrumentation
q PHOTODIODE SIGNAL COMPRESSION AMP
q ANALOG SIGNAL COMPRESSION IN FRONT
OF A/D CONVERTER
q ABSORBANCE MEASUREMENT
q OPTICAL DENSITY MEASUREMENT
LOG102
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
SBOS211A – MARCH 2002
A
2
A
3
A
1
I
1
Q
1
Q
2
VOUT3
A
4
VOUT4
+IN4
–IN4
–IN3
+IN3
V
LOG OUT
V
LOG OUT = LOG (I1/I2)
V
OUT3 = G • LOG (I1/I2), G = 1 +R2/R1
R
1
R
2
C
C
I
2
A4 can be used
as comparator for
signal loss detect.
V–
V+
614
1
911
4
7
12
8
3
5
10
GND
NOTE: U.S. Patent Pending.
LOG102
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - LOG102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG102 TI1-LOG102 Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102AID TI1-LOG102AID Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102AIDG4 TI1-LOG102AIDG4 Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102AIDR TI1-LOG102AIDR Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102 TI1-LOG102_16 Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
More results

Similar Description - LOG102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG112 TI-LOG112 Datasheet
305Kb / 14P
LOGARITHMIC AND LOG RATIO AMPLIFIERS
LOG104 TI-LOG104 Datasheet
273Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Burr-Brown (TI)
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG112AIDRE4 TI-LOG112AIDRE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Burr-Brown (TI)
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG100 TI1-LOG100 Datasheet
118Kb / 11P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102 TI1-LOG102_16 Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI1-LOG104_14 Datasheet
296Kb / 15P
LOGARITHMIC AND LOG RATIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com