Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG102 Datasheet(PDF) 3 Page - Texas Instruments

Part # LOG102
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG102 Datasheet(HTML) 3 Page - Texas Instruments

  LOG102 Datasheet HTML 1Page - Texas Instruments LOG102 Datasheet HTML 2Page - Texas Instruments LOG102 Datasheet HTML 3Page - Texas Instruments LOG102 Datasheet HTML 4Page - Texas Instruments LOG102 Datasheet HTML 5Page - Texas Instruments LOG102 Datasheet HTML 6Page - Texas Instruments LOG102 Datasheet HTML 7Page - Texas Instruments LOG102 Datasheet HTML 8Page - Texas Instruments LOG102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
LOG102
3
SBOS211A
TOTAL ERROR(3)(4)
I1 or I2 remains fixed while other varies
Initial
min to max
I1 or I2 = 1mA
±55
mV
I1 or I2 = 100µA
±30
mV
I1 or I2 = 10µA
±25
mV
I1 or I2 = 1µA
±20
mV
I1 or I2 = 100nA
±25
mV
I1 or I2 = 10nA
±30
mV
I1 or I2 = 1nA
±37
mV
vs Temperature
I1 or I2 = 1mA
±0.4
mV/
°C
I1 or I2 = 100µA
±0.07
mV/
°C
I1 or I2 = 10µA
±0.07
mV/
°C
I1 or I2 = 1µA
±0.07
mV/
°C
I1 or I2 = 100nA
±0.07
mV/
°C
I1 or I2 = 10nA
±0.07
mV/
°C
I1 or I2 = 1nA
±0.4
mV/
°C
vs Supply
I1 or I2 = 1mA
±0.15
mV/ V
I1 or I2 = 100µA
±0.15
mV/ V
I1 or I2 = 10µA
±0.25
mV/ V
I1 or I2 = 1µA
±0.2
mV/ V
I1 or I2 = 100nA
±0.2
mV/ V
I1 or I2 = 10nA
±0.15
mV/ V
I1 or I2 = 1nA
±0.25
mV/ V
FREQUENCY RESPONSE, core log (5)
BW, 3dB
I2 = 10nA
CC = 4500pF
0.1
kHz
I2 = 1µACC = 150pF
38
kHz
I2 = 10µACC = 150pF
40
kHz
I2 = 1mA
CC = 50pF
45
kHz
Step Response
Increasing
I2 = 1µA to 1mA (3 decade)
CC = 150pF
11
µs
I2 = 100nA to 1µA (1 decade)
CC = 150pF
7
µs
I2 = 10nA to 100nA (1 decade)
CC = 150pF
110
µs
Decreasing
I2 = 1mA to 1µA (3 decade)
CC = 150pF
45
µs
I2 = 1µA to 100nA (1 decade)
CC = 150pF
20
µs
I2 = 100nA to 10nA (1 decade)
CC = 150pF
550
µs
OP AMPS, A3 AND A4
Input Offset Voltage
±175
±750
µV
vs Temperature
TMIN to TMAX
±2
µV/°C
vs Power Supply
VS = ±4.5V to ±18V
10
50
µV/V
Input Bias Current(5)
–10
nA
Input Offset Current
±0.5
nA
Input Voltage Range
(V–)
(V+) – 1.5
V
Common-Mode Rejection
86
dB
Input Noise, f = 0.1Hz to 10Hz
1
µVp-p
f = 1kHz
28
nV/
√Hz
Open Loop Voltage Gain
88
dB
Gain-Bandwidth Product
1.4
MHz
Slew Rate
G = 1, 2.5V step
0.5
V/
µs
Settling Time, 0.01%
G = 1, 2.5V Step, CL =100pF
16
µs
Rated Output
VS = 5V, RL = 10kΩ
(V–) + 1.5
(V+) – 0.9
V
Short-Circuit Current
–ISC /+ISC
–36 /+60
mA
POWER SUPPLY
Operating Range
VS
±4.5
±18
V
Quiescent Current
IO = 0
1.25
2
mA
TEMPERATURE RANGE
Specified Range, TMIN to TMAX
070
°C
Operating Range
–40
+85
°C
Storage Range
–40
+125
°C
Thermal Resistance,
θ
JA
SO-14
100
°C/W
NOTES: (1) Log Conformity Error is peak deviation from the best-fit straight line of VO versus Log (I1/I2) curve expressed as a percent of peak-to-peak full-scale
(2) Output core log function is trimmed to 1V output per decade change of input current. (3) Worst-case Total Error for any ratio of I1/I2, is the largest of the two
errors, when I1 and I2 are considered separately. (4) Total I1 + I2 should be kept below 1.1mA on ±5V supply. (5) Bandwidth (3dB) and transient response are a
function of both the compensation capacitor and the level of input current. (6) Positive conventional current flows into input terminals.
ELECTRICAL CHARACTERISTICS (Cont.)
Boldface limits apply over the specified temperature range, TA = 0°C to +70°C.
At TA = +25°C, VS = ±5V, RL = 10kΩ, unless otherwise noted.
LOG102AID
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com