Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG102 Datasheet(PDF) 2 Page - Texas Instruments

Part # LOG102
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG102 Datasheet(HTML) 2 Page - Texas Instruments

  LOG102 Datasheet HTML 1Page - Texas Instruments LOG102 Datasheet HTML 2Page - Texas Instruments LOG102 Datasheet HTML 3Page - Texas Instruments LOG102 Datasheet HTML 4Page - Texas Instruments LOG102 Datasheet HTML 5Page - Texas Instruments LOG102 Datasheet HTML 6Page - Texas Instruments LOG102 Datasheet HTML 7Page - Texas Instruments LOG102 Datasheet HTML 8Page - Texas Instruments LOG102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
LOG102
2
SBOS211A
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
LOG102AID
SO -14
D
0
°C to +70°C
LOG102A
LOG102AID
Rails, 58
"
"""
"
LOG102AIDR
Tape and Reel, 2500
NOTES: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage ....................................................... V– (–0.5) to V+ (+0.5V)
Input Current ...................................................................................
±10mA
Output Short-Circuit(2) .............................................................. Continuous
Operating Temperature .................................................... –40
°C to +85°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Short circuit to ground, one amplifier per package.
PACKAGE/ORDERING INFORMATION
I
2
NC
+IN4
–IN4
GND
V–
VOUT4
NC = No Internal Connection
LOG102
I
1
NC
+IN3
–IN3
Vlog out
V+
VOUT3
14
13
12
11
10
9
8
1
2
3
4
5
6
7
PIN DESCRIPTION
LOG102AID
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
CORE LOG FUNCTION
IIN /VLOG OUT Equation
VO = log (I1/I2)
LOG CONFORMITY ERROR(1)
Initial
1nA to 100
µA (5 decades)
0.04
±0.3
%
1nA to 1mA (6 decades)
0.15
%
over Temperature
1nA to 100
µA (5 decades)
0.0002
%/
°C
1nA to 1mA (6 decades)
0.002
%/
°C
GAIN(2)
Initial Value
1nA to 100
µA (5 decades)
1
V/decade
Gain Error
1nA to 100
µA (5 decades)
0.15
±1%
vs Temperature
TMIN to TMAX
0.025
0.05
%/
°C
INPUT, A1 and A2
Offset Voltage
±0.3
±1.5
mV
vs Temperature
TMIN to TMAX
±2
µV/
°C
vs Power Supply (PSRR)
VS = ±4.5V to ±18V
5
50
µV/V
Input Bias Current
±5pA
vs Temperature
TMIN to TMAX
Doubles Every 10
°C
Voltage Noise
f = 10Hz to 10kHz
3
µVrms
f = 1kHz
30
nV/
√Hz
Current Noise
f = 1kHz
4
fA/
√Hz
Common-Mode Voltage Range (Positive)
(V+) – 2
(V+) – 1.5
V
(Negative)
(V–) + 2
(V–) + 1.2
V
CMRR
90
105
dB
OUTPUT, A2 (VLOGOUT)
Output Offset, VOSO, Initial
±3
±55
mV
vs Temperature
TMIN to TMAX
25
µV/°C
Full-Scale Output (FSO)
VS = ±5V Supplies
(V–) + 1.2
(V+) – 1.5
V
Short-Circuit Current
±18
mA
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = 0°C to +70°C.
At TA = +25°C, VS = ±5V, RL = 10kΩ, unless otherwise noted.
Top View
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com