Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG102 Datasheet(PDF) 9 Page - Texas Instruments

Part # LOG102
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG102 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LOG102 Datasheet HTML 5Page - Texas Instruments LOG102 Datasheet HTML 6Page - Texas Instruments LOG102 Datasheet HTML 7Page - Texas Instruments LOG102 Datasheet HTML 8Page - Texas Instruments LOG102 Datasheet HTML 9Page - Texas Instruments LOG102 Datasheet HTML 10Page - Texas Instruments LOG102 Datasheet HTML 11Page - Texas Instruments LOG102 Datasheet HTML 12Page - Texas Instruments LOG102 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.ti.com
LOG102
9
SBOS211A
A
2
A
1
I
1
Q
1
Q
2
V
OUT = (1V) LOG
I
1
I
2
I
2
I
1
I
2
++
––
R
2
V
OUT
V
L
R
1
V
BE1
V
BE2
also
VV
RR
R
I
I
V
RR
R
nV
I
I
OUT
L
OUT
T
=
+
=
=
+
12
1
2
12
1
2
1
1
log
log
Using the base-emitter voltage relationship of matched
bipolar transistors, the LOG102 establishes a logarith-
mic function of input current ratios. Beginning with the
base-emitter voltage defined as
VV
I
I
where V
kT
q
BE
T
C
S
T
==
ln
:
k = Boltzman’s constant = 1.381 • 10–23
T = Absolute temperature in degrees Kelvin
q = Electron charge = 1.602 • 10–19 Coulombs
IC = Collector current
IS = Reverse saturation current
From the circuit in Figure 11, we see that
VV
V
LBE
BE
=
12
–
Substituting (1) into (2) yields
VV
I
I
V
I
I
LT
S
T
S
=
1
1
1
2
2
2
ln
–
ln
If the transistors are matched and isothermal and
VTI = VT2, then (3) becomes:
VV
I
I
I
I
VV
I
I
and
ce
xx
Vn V
I
I
LT
SS
LT
LT
=
=
=
=
1
12
1
2
10
1
2
23
ln
– ln
ln
sin
ln
. log
log
where n = 2.3
INSIDE THE LOG102
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(9)
(10)
(11)
FIGURE 11. Simplified Model of Log Amplifier.
(8)
or
It should be noted that the temperature dependance
associated with VT = kT/q is internally compensated on
the LOG102 by making R1 a temperature sensitive resis-
tor with the required positive temperature coefficient.
USING A LARGER REFERENCE VOLTAGE
REDUCES OFFSET ERRORS
Using a larger reference voltage to create the reference
current minimizes errors due to the LOG102’s input offset
voltage. Maintaining an increasing output voltage as a func-
tion of increasing photodiode current is also important in
many optical sensing applications. All zeros from the A/D
converter output represent zero or low scale photodiode
current. Inputting the reference current into I1, and designing
IREF such that it is as large or larger than the expected
maximum photodiode current is accomplished using this
requirement. The LOG102 configured with the reference
current connecting I1 and the photodiode current connecting
to I2 is shown in Figure 12. A3 is configured as a level shifter
with inverting gain and is used to scale the photodiode
current directly into the A/D input voltage range.
The wide dynamic range of the LOG102 is useful for measuring
avalanche photodiode current (APD) (see Figure 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com