Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMF6TP Datasheet(PDF) 14 Page - STMicroelectronics

Part # M25P16-VMF6TP
Description  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6TP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M25P16-VMF6TP Datasheet HTML 10Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 11Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 12Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 13Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 14Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 15Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 16Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 17Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
M25P16
14/39
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 9.)
sets the Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set pri-
or to every Page Program (PP), Sector Erase
(SE), Bulk Erase (BE) and Write Status Register
(WRSR) instruction.
The Write Enable (WREN) instruction is entered
by driving Chip Select (S) Low, sending the in-
struction code, and then driving Chip Select (S)
High.
Figure 9. Write Enable (WREN) Instruction Sequence
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 10.)
resets the Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by
driving Chip Select (S) Low, sending the instruc-
tion code, and then driving Chip Select (S) High.
The Write Enable Latch (WEL) bit is reset under
the following conditions:
–Power-up
–
Write Disable (WRDI) instruction completion
–
Write Status Register (WRSR) instruction
completion
–
Page Program (PP) instruction completion
–
Sector Erase (SE) instruction completion
–
Bulk Erase (BE) instruction completion
Figure 10. Write Disable (WRDI) Instruction Sequence
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com