Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMF6TP Datasheet(PDF) 24 Page - STMicroelectronics

Part # M25P16-VMF6TP
Description  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6TP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M25P16-VMF6TP Datasheet HTML 20Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 21Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 22Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 23Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 24Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 25Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 26Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 27Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
M25P16
24/39
Deep Power-down (DP)
Executing the Deep Power-down (DP) instruction
is the only way to put the device in the lowest con-
sumption mode (the Deep Power-down mode). It
can also be used as an extra software protection
mechanism, while the device is not in active use,
since in this mode, the device ignores all Write,
Program and Erase instructions.
Driving Chip Select (S) High deselects the device,
and puts the device in the Standby mode (if there
is no internal cycle currently in progress). But this
mode is not the Deep Power-down mode. The
Deep Power-down mode can only be entered by
executing the Deep Power-down (DP) instruction,
to reduce the standby current (from ICC1 to ICC2,
as specified in Table 13.).
Once the device has entered the Deep Power-
down mode, all instructions are ignored except the
Release from Deep Power-down and Read Elec-
tronic Signature (RES) instruction. This releases
the device from this mode. The Release from
Deep Power-down and Read Electronic Signature
(RES) instruction also allows the Electronic Signa-
ture of the device to be output on Serial Data Out-
put (Q).
The Deep Power-down mode automatically stops
at Power-down, and the device always Powers-up
in the Standby mode.
The Deep Power-down (DP) instruction is entered
by driving Chip Select (S) Low, followed by the in-
struction code on Serial Data Input (D). Chip Se-
lect (S) must be driven Low for the entire duration
of the sequence.
The instruction sequence is shown in Figure 19..
Chip Select (S) must be driven High after the
eighth bit of the instruction code has been latched
in, otherwise the Deep Power-down (DP) instruc-
tion is not executed. As soon as Chip Select (S) is
driven High, it requires a delay of tDP before the
supply current is reduced to ICC2 and the Deep
Power-down mode is entered.
Any Deep Power-down (DP) instruction, while an
Erase, Program or Write cycle is in progress, is re-
jected without having any effects on the cycle that
is in progress.
Figure 19. Deep Power-down (DP) Instruction Sequence
C
D
AI03753D
S
2
1
34567
0
tDP
Deep Power-down Mode
Stand-by Mode
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com