Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMF6TP Datasheet(PDF) 21 Page - STMicroelectronics

Part # M25P16-VMF6TP
Description  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6TP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M25P16-VMF6TP Datasheet HTML 17Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 18Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 19Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 20Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 21Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 22Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 23Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 24Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21/39
M25P16
Page Program (PP)
The Page Program (PP) instruction allows bytes to
be programmed in the memory (changing bits from
1 to 0). Before it can be accepted, a Write Enable
(WREN) instruction must previously have been ex-
ecuted. After the Write Enable (WREN) instruction
has been decoded, the device sets the Write En-
able Latch (WEL).
The Page Program (PP) instruction is entered by
driving Chip Select (S) Low, followed by the in-
struction code, three address bytes and at least
one data byte on Serial Data Input (D). If the 8
least significant address bits (A7-A0) are not all
zero, all transmitted data that goes beyond the end
of the current page are programmed from the start
address of the same page (from the address
whose 8 least significant bits (A7-A0) are all zero).
Chip Select (S) must be driven Low for the entire
duration of the sequence.
The instruction sequence is shown in Figure 16..
If more than 256 bytes are sent to the device, pre-
viously latched data are discarded and the last 256
data bytes are guaranteed to be programmed cor-
rectly within the same page. If less than 256 Data
bytes are sent to device, they are correctly pro-
grammed at the requested addresses without hav-
ing any effects on the other bytes of the same
page.
Chip Select (S) must be driven High after the
eighth bit of the last data byte has been latched in,
otherwise the Page Program (PP) instruction is not
executed.
As soon as Chip Select (S) is driven High, the self-
timed Page Program cycle (whose duration is tPP)
is initiated. While the Page Program cycle is in
progress, the Status Register may be read to
check the value of the Write In Progress (WIP) bit.
The Write In Progress (WIP) bit is 1 during the self-
timed Page Program cycle, and is 0 when it is
completed. At some unspecified time before the
cycle is completed, the Write Enable Latch (WEL)
bit is reset.
A Page Program (PP) instruction applied to a page
which is protected by the Block Protect (BP2, BP1,
BP0) bits (see Table 2. and Table 3.) is not execut-
ed.
Figure 16. Page Program (PP) Instruction Sequence
Note: Address bits A23 to A21 are Don’t Care.
C
D
AI04082B
S
42
41
43 44 45 46 47 48 49 50
52 53 54 55
40
C
D
S
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
Instruction
24-Bit Address
0
765432
0
1
Data Byte 1
39
51
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
Data Byte 256
765432
0
1
MSB
MSB
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com