Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMF6TP Datasheet(PDF) 22 Page - STMicroelectronics

Part # M25P16-VMF6TP
Description  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6TP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M25P16-VMF6TP Datasheet HTML 18Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 19Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 20Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 21Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 22Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 23Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 24Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 25Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
M25P16
22/39
Sector Erase (SE)
The Sector Erase (SE) instruction sets to 1 (FFh)
all bits inside the chosen sector. Before it can be
accepted, a Write Enable (WREN) instruction
must previously have been executed. After the
Write Enable (WREN) instruction has been decod-
ed, the device sets the Write Enable Latch (WEL).
The Sector Erase (SE) instruction is entered by
driving Chip Select (S) Low, followed by the in-
struction code, and three address bytes on Serial
Data Input (D). Any address inside the Sector (see
Table 3.) is a valid address for the Sector Erase
(SE) instruction. Chip Select (S) must be driven
Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 17..
Chip Select (S) must be driven High after the
eighth bit of the last address byte has been latched
in, otherwise the Sector Erase (SE) instruction is
not executed. As soon as Chip Select (S) is driven
High, the self-timed Sector Erase cycle (whose du-
ration is tSE) is initiated. While the Sector Erase cy-
cle is in progress, the Status Register may be read
to check the value of the Write In Progress (WIP)
bit. The Write In Progress (WIP) bit is 1 during the
self-timed Sector Erase cycle, and is 0 when it is
completed. At some unspecified time before the
cycle is completed, the Write Enable Latch (WEL)
bit is reset.
A Sector Erase (SE) instruction applied to a page
which is protected by the Block Protect (BP2, BP1,
BP0) bits (see Table 2. and Table 3.) is not execut-
ed.
Figure 17. Sector Erase (SE) Instruction Sequence
Note: Address bits A23 to A21 are Don’t Care.
24 Bit Address
C
D
AI03751D
S
2
1
3456789
29 30 31
Instruction
0
23 22
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com